Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1864 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1864 Datasheet HTML 1Page - Dallas Semiconductor DS1864 Datasheet HTML 2Page - Dallas Semiconductor DS1864 Datasheet HTML 3Page - Dallas Semiconductor DS1864 Datasheet HTML 4Page - Dallas Semiconductor DS1864 Datasheet HTML 5Page - Dallas Semiconductor DS1864 Datasheet HTML 6Page - Dallas Semiconductor DS1864 Datasheet HTML 7Page - Dallas Semiconductor DS1864 Datasheet HTML 8Page - Dallas Semiconductor DS1864 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
_____________________________________________________________________
3
ANALOG OUTPUT CHARACTERISTICS
(VCC = 2.97V to 5.5V, TA = -40°C to +95°C.)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
Range 1
0.5
mA
IDAC0 and IDAC1
Range 2
Position FFh (Note 6)
1.5
mA
IDAC0 and IDAC1 (Off State Current)
Shutdown or Position 00h
10
100
nA
Voltage at IDAC0 and IDAC1
0.7
VCC
V
IDAC < 50µA
±10
µA
Range 1
IDAC > 50µA
±4
%
IDAC < 50µA
±10
µA
IDAC0 and IDAC1 Accuracy
(Note 6)
Range 2
IDAC > 50µA
±4
%
Resolution
0.4
%FS
ANALOG VOLTAGE MONITORING CHARACTERISTICS
(VCC = 2.97V to 5.5V, TA = -40°C to +95°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Full-Scale Monitor Input
At factory setting (Note 4)
2.4875
2.5000
2.5125
V
Full-Scale VCC Monitor
At factory setting (Note 5)
6.5208
6.5536
6.5864
V
Monitor Resolution
(VCC, IBI, TXP, RIN)
0.024
%FS
MON1P to MON1N FS
MON1 (Note 7)
0
2.5
V
MON1P, MON1N Common-Mode
Voltage
0
VCC
V
MON1P (Single-Ended)
(Notes 7 and 8)
2.5
V
MON1 FS (Factory)
(Note 7)
2.5
V
MON2 FS (Factory)
(Note 7)
2.5
V
MON3 FS (Factory)
VMON3 = 2.5V (Note 7)
2.5
V
Supply Accuracy
VCCacc
(Note 7)
0.5
%FS
MON1 Accuracy
MON1acc
(Note 7)
0.5
%FS
MON2 Accuracy
MON2acc
(Note 7)
0.5
%FS
MON3 Accuracy
MON3acc
(Notes 7 and 9)
0.5
%FS
Dual range disabled
21.5
26.0
Monitoring Update Rate
tframe
Dual range enabled
57
70
ms
Fast-Trip Comparator Accuracy
FCacc
±4
%FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com