Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-1ARJZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4505-1ARJZ-R2
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-1ARJZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4505-1ARJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADA4505-1/ADA4505-2/ADA4505-4
Rev. E | Page 7 of 24
TA = 25°C, unless otherwise noted.
1000
100
10
1
0.1
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 1.8V
IB+
IB–
Figure 13. Input Bias Current vs. Temperature
1000
100
10
1
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCM (V)
VSY = 1.8V
IB+ AND IB–
125°C
105°C
85°C
25°C
Figure 14. Input Bias Current vs. Common-Mode Voltage and Temperature
10k
1k
100
10
1
0.1
0.01
0.001
0.01
0.1
LOAD CURRENT (mA)
1
10
100
VSY = 1.8V
–40°C
+25°C
+85°C
+125°C
Figure 15. Output Voltage (VOH) to Supply Rail vs. Load Current
and Temperature
1000
100
10
1
0.1
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 5V
IB+
IB–
Figure 16. Input Bias Current vs. Temperature
1000
100
10
1
0.1
0
1
2
3
4
5
VCM (V)
125°C
105°C
85°C
25°C
VSY = 5V
IB+ AND IB–
Figure 17. Input Bias Current vs. Common-Mode Voltage and Temperature
10k
1k
100
10
1
0.1
0.01
0.001
0.01
0.1
LOAD CURRENT (mA)
1
10
100
VSY = 5V
–40°C
+25°C
+85°C
+125°C
Figure 18. Output Voltage (VOH) to Supply Rail vs. Load Current
and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com