Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-1ARJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4505-1ARJZ-R2
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-1ARJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4505-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4505-1/ADA4505-2/ADA4505-4
Data Sheet
Rev. E | Page 8 of 24
TA = 25°C, unless otherwise noted.
10k
1k
100
10
1
0.1
0.01
0.001
0.01
0.1
LOAD CURRENT (mA)
1
10
100
VSY = 1.8V
–40°C
+25°C
+85°C
+125°C
Figure 19. Output Voltage (VOL) to Supply Rail vs. Load Current
and Temperature
1.800
1.795
1.790
1.785
1.780
1.775
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VSY = 1.8V
RL = 100kΩ
RL = 10kΩ
Figure 20. Output Voltage (VOH) vs. Temperature
25
20
15
10
5
0
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VSY = 1.8V
RL = 100kΩ
RL = 10kΩ
Figure 21. Output Voltage (VOL) vs. Temperature
10k
1k
100
10
1
0.1
0.01
0.001
0.01
0.1
LOAD CURRENT (mA)
1
10
100
VSY = 5V
–40°C
+25°C
+85°C
+125°C
Figure 22. Output Voltage (VOL) to Supply Rail vs. Load Current
and Temperature
5.000
4.995
4.990
4.985
4.980
4.975
4.970
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VSY = 5V
RL = 100kΩ
RL = 10kΩ
Figure 23. Output Voltage (VOH) vs. Temperature
25
20
15
10
5
0
–40 –25 –10
5
203550658095
110 125
TEMPERATURE (°C)
VSY = 5V
RL = 100kΩ
RL = 10kΩ
Figure 24. Output Voltage (VOL) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com