Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-1ARJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4505-1ARJZ-R2
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-1ARJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4505-1ARJZ-R2 Datasheet HTML 1Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 2Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4505-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
10 μA, Rail-to-Rail I/O, Zero Input
Crossover Distortion Amplifiers
Data Sheet
ADA4505-1/ADA4505-2/ADA4505-4
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
PSRR: 100 dB minimum
CMRR: 105 dB typical
Very low supply current: 10 μA per amplifier maximum
1.8V to 5V single-supply or ±0.9V to ±2.5V dual-supply operation
Rail-to-rail input and output
3 mV offset voltage maximum
Very low input bias current: 0.5 pA typical
APPLICATIONS
Pressure and position sensors
Remote security
Medical monitors
Battery-powered consumer equipment
Hazard detectors
GENERAL DESCRIPTION
The ADA4505-1/ADA4505-2/ADA4505-4 are single, dual, and
quad micropower amplifiers featuring rail-to-rail input and output
swings while operating from a single 1.8 V to 5 V power supply
or from dual ±0.9 V to ±2.5 V power supplies.
Employing a new circuit technology, these low cost amplifiers
offer zero input crossover distortion (excellent PSRR and CMRR
performance) and very low bias current, while operating with a
supply current of less than 10 μA per amplifier.
This combination of features makes the ADA4505-x amplifiers
ideal choices for battery-powered applications because they
minimize errors due to power supply voltage variations over the
lifetime of the battery and maintain high CMRR even for a rail-
to-rail op amp.
Remote battery-powered sensors, handheld instrumentation
and consumer equipment, hazard detectors (for example, smoke,
fire, and gas), and patient monitors can benefit from the features
of the ADA4505-x amplifiers.
The ADA4505-x family is specified for both the industrial
temperature range (−40°C to +85°C) and the extended industrial
temperature range (−40°C to +125°C). The ADA4505-1 single
amplifier is available in a tiny 5-lead SOT-23 and a 6-ball WLCSP.
The ADA4505-2 dual amplifier is available in a standard 8-lead
MSOP and a 8-ball WLCSP. The ADA4505-4 quad amplifier is
available in a 14-lead TSSOP and a 14-ball WLCSP.
The ADA4505-x family is a member of a growing series of zero
crossover op amps offered by Analog Devices, Inc., including the
AD8505/AD8506/AD8508, which also operate from a single 1.8 V to
5 V power supply or from dual ±0.9 V to ±2.5 V power supplies.
PIN CONFIGURATIONS
OUT 1
+IN 3
V– 2
V+
5
–IN
4
ADA4505-1
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4505-2
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SOT-23 (RJ-5)
Figure 2. 8-Lead MSOP (RM-8)
OUT
V+
V–
+IN
–IN
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
A1
A2
B1
B2
C1
C2
BALL A1
INDICATOR
NC
ADA4505-1
NC = NO CONNECT
ADA4505-2
TOP VIEW
(BALL SIDE DOWN)
BALL A1
CORNER
OUT B
V+
OUT A
A1
A2
A3
+IN B
V–
+IN A
C1
C2
C3
–IN B
–IN A
B1
B3
Figure 3. 6-Ball WLCSP (CB-6-7)
Figure 4. 8-Ball WLCSP (CB-8-2)
ADA4505-4
1
2
3
4
5
6
7
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
ADA4505-4
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
C1
C3
A1
B1
D1
E1
A2
B2
D2
E2
A3
B3
D3
E3
BALL A1
INDICATOR
OUT D
OUT A
–IN A
–IN D
V–
+IN A
+IN D
+IN B
+IN C
V+
–IN B
–IN C
OUT C
OUT B
Figure 5. 14-Lead TSSOP (RU-14)
Figure 6. 14-Ball WLCSP (CB-14-1)


Similar Part No. - ADA4505-1ARJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4505-1ARJZ-R2 AD-ADA4505-1ARJZ-R2 Datasheet
846Kb / 24P
10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
ADA4505-1ARJZ-R2 AD-ADA4505-1ARJZ-R2 Datasheet
846Kb / 24P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. D
More results

Similar Description - ADA4505-1ARJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. E
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. D
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
logo
Texas Instruments
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com