Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2ARMZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4511-2ARMZ-R7
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARMZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4511-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADA4511-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 25 of 28
Figure 84. Compensating the TIA, CF = 3.1 pF
Figure 85. Compensating the TIA, CF = 5.5 pF
Figure 86. Pulse Response for Various CF
ACTIVE FILTER
Figure 87. 4-Pole Low-Pass Filter with −3 dB Bandwidth of 10 kHz
Active filters are used to separate signals, passing signals of inter-
est and attenuating signals at unwanted frequencies. For example,
low-pass filters are often used as antialiasing filters in data acquisi-
tion systems or as noise filters to limit high-frequency noise.
The high-input impedance, high bandwidth, low-input bias current,
and DC precision make the ADA4511-2 a good fit for active filter
applications. Figure 87 shows the ADA4511-2 in a 4-pole Sallen-
Key Butterworth low-pass filter configuration. The 4-pole low-pass
filter has two complex conjugate pole pairs and is implemented
by cascading two 2-pole low-pass filters. Section A and B are
configured as 2-pole low-pass filters in unity gain. Table 7 shows
the quality factor (Q) requirement and pole position associated with
each stage of the Butterworth filter. For pole locations on the s
plane and Q requirements for filters of a different order, refer to the
Chapter 8, Analog Filters, in the Linear Circuit Design Handbook,
available at www.analog.com/AnalogDialogue.
Table 7. Q Requirements and Pole Positions
Section
Poles
Q
A
−0.9239 ± j0.3827
0.5412
B
−0.3827 ± j0.9239
1.3065
The Sallen-Key topology is widely used due to its simple design
with few circuit elements. This topology provides the user the
flexibility of implementing either a low-pass or a high-pass filter by
simply interchanging the resistors and capacitors. The ADA4511-2
is configured in unity gain with a corner frequency at 10 kHz. An
active filter requires an op amp with a unity-gain bandwidth that is
at least 100 times greater than the product of the corner frequency
(fC) and the Q. The resistors and capacitors are also important in
determining the performance over manufacturing tolerances, time,
and temperature. At least 1% or better tolerance resistors and 5%
or better tolerance capacitors are recommended.
Figure 88 shows the frequency response of the low-pass Sallen-
Key filter, where:
VOUT1 is the output of the first stage.
VOUT2 is the output of the second stage.
VOUT1 shows a 40 dB/decade roll-off and VOUT2 shows an 80 dB/
decade roll-off. The transition band becomes sharper as the order
of the filter increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com