Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4511-2ARMZ-R7
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4511-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
ADA4511-2
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 8 of 28
V+ = +20 V, V− = −20 V, VCM = 0 V, RL = 10 kΩ to midsupply, TA = 25°C, unless otherwise noted.
Figure 3. VOS Distribution at 25°C
Figure 4. VOS Distribution at −40°C, SOIC_N
Figure 5. VOS Distribution at 125°C, SOIC_N
Figure 6. TCVOS Distribution from −40°C to +125°C
OFFSET VOLTAGE (µV)
–80 –65 –50 –35 –20 –5
10
25
40
55
70
85
100
0
5
10
15
20
25
30
35
40
240 AMPLIFIERS
MSOP
MEAN = 24.5µV
SD = 25.3µV
Figure 7. VOS Distribution at −40°C, MSOP
240 AMPLIFIERS
MSOP
MEAN = 5µV
SD = 29µV
OFFSET VOLTAGE (µV)
–120 –100 –80 –60 –40 –20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
Figure 8. VOS Distribution at 125°C, MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com