Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4511-2ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4511-2ARMZ-R7
Description  Precision, 40 V, Rail-to-Rail Input and Output Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4511-2ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4511-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4511-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADA4511-2
SPECIFICATIONS
analog.com
Rev. A | 5 of 28
Table 1. Electrical Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Closed-Loop Output Impedance (ZOUT) f = 1 kHz
Gain = 1
19
mΩ
Gain = 10
190
mΩ
Gain = 100
1.9
Ω
Open-Loop Output Impedance (ZO)
f = 1 kHz to 1 MHz
190
Ω
POWER SUPPLY
(V+) − (V−) (VSY)
Guaranteed by PSRR
6
40
V
Power-Supply Rejection Ratio (PSRR)
VSY = ±3 V to ±20 V
121
140
dB
−40°C < TA < +125°C
116
dB
Supply Current per Amplifier (ISY)
IOUT = 0 mA
1.45
1.55
mA
−40°C < TA < +125°C
2
mA
DYNAMIC PERFORMANCE
Slew Rate
VOUT = ±5 V, Gain = 1, 10% to 90%
19
V/µs
Gain Bandwidth Product (GBP)
f = 100 kHz
10.4
MHz
−3 dB Bandwidth
Gain = 1
13.5
MHz
Settling Time (tS)
To 0.01%
Gain = −1, VOUT = 5 V step
1.9
µs
Gain = −1, VOUT = 10 V step
2.2
µs
To 0.001%
Gain = −1, VOUT = 5 V step
3.1
µs
Gain = −1, VOUT = 10 V step
3.5
µs
Output Overload Recovery Time
Gain = −10, positive/negative
300/100
ns
Total Harmonic Distortion (THD)
VOUT = 10 V p-p, Gain = 1
f = 1 kHz
0.00002
%
f = 1 kHz
−134
dB
f = 50 kHz
0.00446
%
f = 50 kHz
−87
dB
ELECTROMAGNETIC INTERFERENCE
REJECTION RATIO (EMIRR)
EMIRR = 20 × log10(∆VIN/∆VOS), ∆VIN = 200 mV p-p
f = 1000 MHz
71
dB
f = 2400 MHz
81
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com