Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-2ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4938-2ACPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-2ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4938-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
ADA4938-1/ADA4938-2
Data Sheet
Rev. B | Page 24 of 26
HIGH PERFORMANCE ADC DRIVING
The ADA4938-1/ADA4938-2 are ideally suited for dc-coupled
baseband applications. The circuit in Figure 69 shows a front-end
connection for an ADA4938-1/ADA4938-2 driving an AD9446,
16-bit, 80 MSPS ADC. The AD9446 achieves its optimum
performance when it is driven differentially. The ADA4938-1/
ADA4938-2 eliminate the need for a transformer to drive the
ADC, performs a single-ended-to-differential conversion,
buffers the driving signal, and provides appropriate level
shifting for dc coupling.
The ADA4938-1/ADA4938-2 are configured with a single 10 V
supply and unity gain for a single-ended input to differential
output. The 61.9 Ω termination resistor, in parallel with the
single-ended input impedance of 267 Ω, provides a 50 Ω
termination for the source. The additional 26 Ω (226 Ω total) at the
inverting input balances the parallel impedance of the 50 Ω
source and the termination resistor driving the noninverting
input.
The signal generator has a symmetric, ground-referenced bipolar
output. The VOCM pin of the ADA4938-1/ADA4938-2 is biased
with an external resistor divider to obtain the desired 3.5 V output
common-mode. One-half of the common-mode voltage is fed
back to the summing nodes, biasing −IN and +IN at 1.75 V. For a
common-mode voltage of 3.5 V, each ADA4938-1/ADA4938-2
output swings between 2.7 V and 4.3 V, providing a 3.2 V p-p
differential output.
The output of the amplifier is dc-coupled to the ADC through a
second-order, low-pass filter with a −3 dB frequency of 50 MHz.
The filter reduces the noise bandwidth of the amplifier and
isolates the driver outputs from the ADC inputs.
The AD9446 is configured for a 4.0 V p-p full-scale input by
setting R1 = R2 = 1 kΩ between the VREF pin and SENSE pin
in Figure 69.
The circuit in Figure 70 shows a simplified front-end connection
for an ADA4938-1/ADA4938-2 driving an AD9246, 14-bit,
125 MSPS ADC. The AD9246 achieves its optimum
performance when it is driven differentially. The ADA4938-1/
ADA4938-2 eliminate the need for a transformer to drive the
ADC, performs a single-ended-to-differential conversion,
buffers the driving signal, and provides appropriate level
shifting for dc coupling.
The ADA4938-1/ADA4938-2 are configured with dual ±5 V
supplies and a gain of ~2 V/V for a single-ended input to
differential output. The 76.8 Ω termination resistor, in parallel
with the single-ended input impedance of 137 Ω, provides a 50 Ω
dc termination for the source. The additional 30.1 Ω (120 Ω total)
at the inverting input balances the parallel dc impedance of the
50 Ω source and the termination resistor driving the
noninverting input.
The signal generator has a symmetric, ground-referenced
bipolar output. The VOCM pin of the ADA4938-1/ADA4938-2 is
connected to the CML pin of the AD9246 to set the output
common-mode level at the appropriate point. A portion of this
is fed back to the summing nodes, biasing −IN and +IN at 0.55 V.
For a common-mode voltage of 0.9 V, each ADA4938-1/
ADA4938-2 output swings between 0.4 V and 1.4 V, providing a
2 V p-p differential output.
The output is dc-coupled to a single-pole, low-pass filter. The filter
reduces the noise bandwidth of the amplifier and provides some
level of isolation from the switched capacitor inputs of the ADC.
The AD9246 is set for a 2 V p-p full-scale input by connecting the
SENSE pin to AGND. The inputs of the AD9246 are biased at
1 V by connecting the CML output, as shown in Figure 70.
VIN+
VIN–
47pF
30nH
30nH
24.3Ω
24.3Ω
50Ω
SIGNAL
GENERATOR
226Ω
200Ω
VOCM
10V
ADA4938
+
61.9Ω
200Ω
200Ω
16
BUFFER T/H
ADC
CLOCK/
TIMING
REF
SENSE
AGND
VREF
AD9446
3.3V (A)
AVDD1
5V (A)
AVDD2
3.3V (D)
DRVDD
10V
R1
R2
Figure 69. ADA4938-1/ADA4938-2 Driving an AD9446, 16-Bit, 80 MSPS ADC
1.8V
DRVDD
AVDD
VIN–
VIN+
AD9246
AGND
CML
SENSE
D13 TO
D0
10pF
33Ω
VOCM
33Ω
50Ω
VIN
90Ω
90Ω
76.8Ω
+5V
–5V
ADA4938
+
200Ω
200Ω
30.1Ω
0.1µF
Figure 70. ADA4938-1/ADA4938-2 Driving an AD9246, a 14-Bit, 125 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com