Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-2ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4938-2ACPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-2ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4938-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
ADA4938-1/ADA4938-2
Rev. B | Page 11 of 26
1
10
100
1000
6
–12
–9
–6
–3
3
0
FREQUENCY (MHz)
G = +1
G = +2
G = +3.16
G = +5
Figure 19. Small Signal Frequency Response for Various Gains, RF = 402 Ω,
VS = 5 V, VOUT = 0.1 V p-p
3
–12
–9
–6
–3
0
1
10
100
1000
FREQUENCY (MHz)
VS = +5V
VS = ±5V
Figure 20. VOUT, cm Small Signal Frequency Response, VOUT = 0.1 V p-p
1
10
100
1000
1.0
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
FREQUENCY (MHz)
RL, dm = 1kΩ
RL, dm = 100Ω
RL, dm = 200Ω
Figure 21. 0.1 dB Flatness Response for Various Loads, ADA4938-1,
VOUT = 0.1 V p-p
1
10
100
1000
6
3
0
–3
–6
–9
–12
FREQUENCY (MHz)
G = +1
G = +2
G = +3.16
G = +5
Figure 22. Large Signal Frequency Response for Various Gains, RF = 402 Ω,
VS = 5 V
3
–12
–9
–6
–3
0
1
10
100
1000
FREQUENCY (MHz)
VS = +5V
VS = ±5V
Figure 23. VOUT, cm Large Signal Frequency Response
1
10
100
1000
1.5
1.4
1.3
1.2
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
FREQUENCY (MHz)
RL, dm = 1kΩ
RL, dm = 100Ω
RL, dm = 200Ω
Figure 24. 0.1 dB Flatness Response for Various Loads, ADA4938-2,
VOUT = 0.1 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com