Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4938-2ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4938-2ACPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-2ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4938-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ADA4938-1/ADA4938-2
Data Sheet
Rev. B | Page 6 of 26
VOCM to ±OUT Performance
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
400
MHz
Slew Rate
VIN = 1.6 V to 3.4 V, 25% to 75%
1700
V/µs
Input Voltage Noise (RTI)
7.5
nV/√Hz
VOCM INPUT CHARACTERISTICS
Input Voltage Range
−VS + 1.3 to +VS − 1.3
V
Input Resistance
10
kΩ
Input Offset Voltage
VOS, cm = VOUT, cm; VDIN+ = VDIN– = VOCM = 2.5 V
3
mV
Input Bias Current
0.5
µA
VOCM CMRR
∆VOUT, dm/∆VOCM; ∆VOCM = ±1 V
−89
dB
Gain
∆VOUT, cm/∆VOCM; ∆VOCM = ±1 V
0.95
1.00
1.05
V/V
POWER SUPPLY
Operating Range
4.5
11
V
Quiescent Current
34
36.5
mA
TMIN to TMAX variation
40
µA/°C
Powered down
1.0
1.7
mA
Power Supply Rejection Ratio
∆VOUT, dm/∆VS; ∆VS = ±1 V
−80
dB
POWER DOWN (PD)
PD Input Voltage
Powered down
≤2.5
V
Enabled
≥3
V
Turn-Off Time
1
µs
Turn-On Time
200
ns
PD Bias Current
Enabled
PD = 5 V
1
µA
Disabled
PD = 0 V
−260
µA
OPERATING TEMPERATURE RANGE
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com