Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4941-1YCPZ-R7
Description  Single-Supply, Differential, 18-Bit ADC Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4941-1YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADA4941-1
Data Sheet
Rev. D | Page 4 of 23
TA = 25°C, VS = 5 V, OUT+ connected to FB (G = 2), RL, dm = 1 kΩ, REF = 2.5 V, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VO = 0.1 V p-p
22
31
MHz
VO = 2.0 V p-p
4.9
7
MHz
Overdrive Recovery Time
+Recover/−recovery
200/600
ns
Slew Rate
VO = 2 V step
24.5
V/µs
Settling Time 0.005%
VO = 6 V p-p step
610
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion
fC = 40 kHz, VO = 2 V p-p, HD2/HD3
−118/−119
dBc
fC = 100 kHz, VO = 2 V p-p, HD2/HD3
−110/−112
dBc
fC = 1 MHz, VO = 2 V p-p, HD2/HD3
−83/−73
dBc
RTO Voltage Noise
f = 100 kHz
10.2
nV/√Hz
Input Current Noise
f = 100 kHz
1.6
pA/√Hz
DC PERFORMANCE
Differential Output Offset Voltage
0.2
0.8
mV
Differential Input Offset Voltage Drift
1.0
µV/°C
Single-Ended Input Offset Voltage
Amp A1 or Amp A2
0.1
0.4
mV
Single-Ended Input Offset Voltage Drift
0.3
µV/°C
Input Bias Current
IN and REF
3
4.5
µA
Input Offset Current
IN and REF
0.1
µA
Gain
(+OUT − −OUT)/(IN − REF)
1.98
2
2.01
V/V
Gain Error
−1
+1
%
Gain Error Drift
1
5
ppm/°C
INPUT CHARACTERISTICS
Input Resistance
IN and REF
24
MΩ
Input Capacitance
IN and REF
1.4
pF
Input Common-Mode Voltage Range
0.2
3.9
V
Common-Mode Rejection Ratio (CMRR)
CMRR = VOS,dm/VCM, VREF = VIN, VCM = 0.2 V to 3.9 V, G = 4
84
106
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Each single-ended output, G = 4
±4.85
±4.93
V
Output Current
25
mA
Capacitive Load Drive
20% overshoot, VO, dm = 200 mV p-p
20
pF
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current
2.3
2.6
mA
Quiescent Current—Disable
12
20
µA
Power Supply Rejection Ratio (PSRR)
+PSRR
PSRR = VOS, dm/ΔVS, G = 4
87
100
dB
−PSRR
87
110
dB
DISABLE
DIS Input Voltage
Disabled, DIS = high
≥1.5
V
Enabled, DIS = low
≤1.0
V
DIS Input Current
Disabled, DIS = high
5.5
8
µA
Enabled, DIS = low
4
6
µA
Turn-On Time
0.7
µs
Turn-Off Time
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com