Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4941-1YCPZ-R7
Description  Single-Supply, Differential, 18-Bit ADC Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4941-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADA4941-1
Data Sheet
Rev. D | Page 14 of 23
10
0
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
8
6
4
2
G = 4
RF =1kΩ
RL = ∞
DIS = HIGH
VS =±5V
VS =+5V
VS =+3V
Figure 42. Disable Supply Current vs. Temperature for Various Supplies
40µs/DIV
VPD
VO, dm
Figure 43. Disable Assert Time
–40
–110
0.1
1000
FREQUENCY (MHz)
–50
–60
–70
–80
–90
–100
1
10
100
VIN = 50mV p-p
Figure 44. Disabled Input-to-Output Isolation vs. Frequency
14
0
010
DISABLE INPUT VOLTAGE WITH RESPECT TO VS– (V)
12
10
8
6
4
2
123
456789
VS =±5V
Figure 45. Disable Input Current vs. Disable Input Voltage
40µs/DIV
VPD
VO, dm
Figure 46. Disable Deassert Time
100
0.0001
0.001
100
FREQUENCY (MHz)
VOP
VON
10
1
0.1
0.01
0.001
0.01
0.1
1
10
Figure 47. Single-Ended Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com