Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4941-1YCPZ-R7
Description  Single-Supply, Differential, 18-Bit ADC Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4941-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADA4941-1
Data Sheet
Rev. D | Page 12 of 23
0
–110
0.001
1000
FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.01
0.1
1
10
100
+PSRR
–PSRR
Figure 30. Power Supply Rejection Ratio vs. Frequency
3.5
1.0
–40
120
TEMPERATURE (°C)
VS =±5V
VS =+5V
VPD = VS–
VS =+3V
3.0
2.5
2.0
1.5
–20
0
20
40
60
80
100
Figure 31. Power Supply Current vs. Temperature
150
0
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
125
100
75
50
25
VOS_A1 10V
VOS_A2 = 3V
VOS_A1 = 3V
VOS_A2 = 5V
VOS_A1 = 5V
VOS_A2 = 10V
Figure 32. Differential Output Offset Voltage vs. Temperature
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
±5V SUPPLIES, POSITIVE RAIL
+5V SUPPLIES, POSITIVE RAIL
±5V SUPPLIES, NEGATIVE RAIL
+5V SUPPLIES, NEGATIVE RAIL
+3V SUPPLIES, POSITIVE RAIL
+3V SUPPLIES, NEGATIVE RAIL
Figure 33. Output Saturation Voltage vs. Temperature
2.5
–0.5
0.6
2.0
DISABLE INPUT VOLTAGE WITH RESPECT TO VS– (V)
ICC @ VS =±5V
ICC @ VS =+5V
ICC @ VS =+3V
2.0
1.5
1.0
0.5
0
0.81.01.21.41.61.8
Figure 34. Power Supply Current vs. Disable Voltage
140
0
OFFSET VOLTAGE (µV)
120
100
80
60
40
20
VOS1
MEAN = –8µV
STD. DEV = 47µV
VOS2
MEAN = 11µV
STD. DEV = 20µV
NO. OF UNITS = 611
Figure 35. Differential Output Offset Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com