Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 237 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 237 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 233Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 234Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 235Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 236Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 237Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 238Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 239Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 240Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 235
dsPIC33FJ12MC201/202
TABLE 23-9:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage
DI10
I/O pins
VSS
—0.2 VDD
V
DI15
MCLR
VSS
—0.2 VDD
V
DI16
OSC1 (XT mode)
VSS
—0.2 VDD
V
DI17
OSC1 (HS mode)
VSS
—0.2 VDD
V
DI18
SDAx, SCLx
VSS
—
0.3 VDD
V
SMbus disabled
DI19
SDAx, SCLx
VSS
—
0.2 VDD
V
SMbus enabled
VIH
Input High Voltage
DI20
I/O pins:
with analog functions
digital-only
0.8 VDD
0.8 VDD
—
—
VDD
5.5
V
V
DI25
MCLR
0.8 VDD
—VDD
V
DI26
OSC1 (XT mode)
0.7 VDD
—VDD
V
DI27
OSC1 (HS mode)
0.7 VDD
—VDD
V
DI28
SDAx, SCLx
0.7 VDD
—VDD
V
SMbus disabled
DI29
SDAx, SCLx
0.8 VDD
—VDD
V
SMbus enabled
ICNPU
CNx Pull-up Current
DI30
50
250
400
μAVDD = 3.3V, VPIN = VSS
IIL
Input Leakage Current(2)(3)
DI50
I/O ports
—
—
±2
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
DI51
Analog Input Pins
—
—
±1
μAVSS ≤ VPIN ≤ VDD, Pin at
high-impedance,
40°C
≤ TA ≤ +85°C
DI51a
Analog Input Pins
—
—
±2
μA
Analog pins shared with
external reference pins,
40°C
≤ TA ≤ +85°C
DI51b
Analog Input Pins
—
—
±3.5
μAVSS ≤ VPIN ≤ VDD, Pin at
high-impedance,
-40°C
≤ TA ≤ +125°C
DI51c
Analog Input Pins
—
—
±8
μA
Analog pins shared with
external reference pins,
-40°C
≤ TA ≤ +125°C
DI55
MCLR
——
±2
μAVSS ≤ VPIN ≤ VDD
DI56
OSC1
—
—
±2
μAVSS ≤ VPIN ≤ VDD,
XT and HS modes
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com