Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 32 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 32 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 28Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 29Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 30Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 31Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 32Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 33Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 34Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 35Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 284 page
background image
TABLE 3-4:
INTERRUPT CONTROLLER REGISTER MAP
SFR
Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
INTCON1
0080
NSTDIS OVAERR OVBERR COVAERR COVBERR
OVATE
OVBTE
COVTE SFTACERR DIV0ERR
—
MATHERR ADDRERR STKERR OSCFAIL
—
0000
INTCON2
0082
ALTIVT
DISI
—
—
—
—
—
—
—
—
—
—
—
INT2EP
INT1EP
INT0EP
0000
IFS0
0084
—
—
AD1IF
U1TXIF
U1RXIF
SPI1IF
SPI1EIF
T3IF
T2IF
OC2IF
IC2IF
—
T1IF
OC1IF
IC1IF
INT0IF
0000
IFS1
0086
—
—INT2IF
—
—
—
—
—
IC8IF
IC7IF
—
INT1IF
CNIF
—
MI2C1IF SI2C1IF
0000
IFS3
008A
FLTA1IF
—
—
—
—
QEIIF
PWM1IF
—
—
—
—
—
—
—
—
—
0000
IFS4
008C
—
—
—
—
—
FLTA2IF PWM2IF
—
—
—
—
—
—
—U1EIF
—
0000
IEC0
0094
—
—
AD1IE
U1TXIE
U1RXIE
SPI1IE
SPI1EIE
T3IE
T2IE
OC2IE
IC2IE
—
T1IE
OC1IE
IC1IE
INT0IE
0000
IEC1
0096
—
—INT2IE
—
—
—
—
—
IC8IE
IC7IE
—
INT1IE
CNIE
—
MI2C1IE SI2C1IE
0000
IEC3
009A FLTA1IE
—
—
—
—
QEIIE
PWM1IE
—
—
—
—
—
—
—
—
—
0000
IEC4
009C
—
—
—
—
—
FLTA2IE PWM2IE
—
—
—
—
—
—
—U1EIE
—
0000
IPC0
00A4
—
T1IP<2:0>
—
OC1IP<2:0>
—
IC1IP<2:0>
—
INT0IP<2:0>
4444
IPC1
00A6
—
T2IP<2:0>
—
OC2IP<2:0>
—
IC2IP<2:0>
—
—
—
—
4444
IPC2
00A8
—
U1RXIP<2:0>
—
SPI1IP<2:0>
—
SPI1EIP<2:0>
—
T3IP<2:0>
4444
IPC3
00AA
—
—
—
—
—
—
—
—
—
AD1IP<2:0>
—
U1TXIP<2:0>
4444
IPC4
00AC
—
CNIP<2:0>
—
—
—
—
—
MI2C1IP<2:0>
—
SI2C1IP<2:0>
4444
IPC5
00AE
—
IC8IP<2:0>
—
IC7IP<2:0>
—
—
—
—
—
INT1IP<2:0>
4444
IPC7
00B2
—
—
—
—
—
—
—
—
—
INT2IP<2:0>
—
—
—
—
4444
IPC14
00C0
—
—
—
—
—
QEIIP<2:0>
—
PWM1IP<2:0>
—
—
—
—
4444
IPC15
00C2
—FLTA1IP<2:0>
—
—
—
—
—
—
—
—
—
—
—
—
4444
IPC16
00C4
—
—
—
—
—
—
—
—
—
U1EIP<2:0>
—
—
—
—
4444
IPC18
00C8
—
—
—
—
—FLTA2IP<2:0>
—
PWM2IP<2:0>
—
—
—
—
4444
INTTREG
00E0
—
—
—
—
ILR<3:0>>
—
VECNUM<6:0>
4444
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com