Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 10 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 6Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 7Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 8Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 9Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 10Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 11Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 12Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 13Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 8
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 1-1:
dsPIC33FJ12MC201/202 BLOCK DIAGRAM
16
OSC1/CLKI
OSC2/CLKO
VDD, VSS
Timing
Generation
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset
Precision
Reference
Band Gap
FRC/LPRC
Oscillators
Regulator
Voltage
VDDCORE/VCAP
IC1,2,7,8
I2C1
PORTA
Note:
Not all pins or features are implemented on all device pinout configurations. See pinout diagrams for the specific pins
and features present on each device.
Instruction
Decode &
Control
PCH PCL
16
Program Counter
16-bit ALU
23
23
24
23
Instruction Reg
PCU
16 x 16
W Register Array
ROM Latch
16
EA MUX
16
16
8
Interrupt
Controller
PSV & Table
Data Access
Control Block
Stack
Control
Logic
Loop
Control
Logic
Data Latch
Address
Latch
Address Latch
Program Memory
Data Latch
Address Bus
16
16
16
16
Data Latch
Address
Latch
16
X RAM
Y RAM
16
Y Data Bus
X Data Bus
DSP Engine
Divide Support
16
Control Signals
to Various Blocks
ADC1
Timers
PORTB
Address Generator Units
1-3
CNx
UART1
OC/
PWM1-2
QEI
PWM
2 Ch
PWM
6 Ch
Remappable
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com