Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 25 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 25 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 21Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 22Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 23Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 24Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 25Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 26Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 27Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 28Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 23
dsPIC33FJ12MC201/202
3.0
MEMORY ORGANIZATION
The dsPIC33FJ12MC201/202 architecture features
separate program and data memory spaces and
buses. This architecture also allows the direct access
of program memory from the data space during code
execution.
3.1
Program Address Space
The program address memory space of the
dsPIC33FJ12MC201/202 devices is 4M instructions.
The space is addressable by a 24-bit value derived
either from the 23-bit Program Counter (PC) during
program execution, or from table operation or data
space remapping as described in Section 3.6
“Interfacing Program and Data Memory Spaces”.
User application access to the program memory space
is restricted to the lower half of the address range
(0x000000 to 0x7FFFFF). The exception is the use of
TBLRD/TBLWT operations, which use TBLPAG<7> to
permit access to the Configuration bits and Device ID
sections of the configuration memory space.
The memory map for the dsPIC33FJ12MC201/202
devices is shown in Figure 3-1.
FIGURE 3-1:
PROGRAM MEMORY MAP FOR dsPIC33FJ12MC201/202 DEVICES
Note:
This data sheet summarizes the features
of the dsPIC33FJ12MC201/202 devices.
It is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33F Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
dsPIC33F Family Reference Manual
chapters.
Reset Address
0x000000
0x0000FE
0x000002
0x000100
Device Configuration
User Program
Flash Memory
0x002000
0x001FFE
(4K instructions)
0x800000
0xF80000
Registers
0xF80017
0xF80018
DEVID (2)
0xFEFFFE
0xFF0000
0xFFFFFE
0xF7FFFE
Unimplemented
(Read ‘0’s)
GOTO Instruction
0x000004
Reserved
0x7FFFFE
Reserved
0x000200
0x0001FE
0x000104
Alternate Vector Table
Reserved
Interrupt Vector Table
dsPIC33FJ12MC201/202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com