Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 268 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 268 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 264Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 265Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 266Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 267Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 268Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 269Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 270Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 271Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 266
Preliminary
© 2007 Microchip Technology Inc.
TABLE 23-42: ADC CONVERSION (10-BIT MODE) TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ(1)
Max.
Units
Conditions
Clock Parameters(2)
AD50
TAD
ADC Clock Period
65
—
—
ns
AD51
tRC
ADC Internal RC Oscillator Period
—
250
—
ns
Conversion Rate
AD55
tCONV
Conversion Time
—
12 TAD
——
AD56
FCNV
Throughput Rate
—
—
1.1
Msps
AD57
TSAMP
Sample Time
2 TAD
——
—
Timing Parameters
AD60
tPCS
Conversion Start from Sample
Trigger(1)
—1.0 TAD
—
—
Auto-Convert Trigger
(SSRC<2:0> = 111) not
selected
AD61
tPSS
Sample Start from Setting
Sample (SAMP) bit(1)
0.5 TAD
—
1.5 TAD
——
AD62
tCSS
Conversion Completion to
Sample Start (ASAM = 1)(1)
—0.5 TAD
——
—
AD63
tDPU
Time to Stabilize Analog Stage
from ADC Off to ADC On(1)
1—
5
μs—
Note 1: These parameters are characterized but not tested in manufacturing.
2: Because the sample caps will eventually lose charge, clock rates below 10 kHz may affect linearity
performance, especially at elevated temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com