Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 186 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 186 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 182Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 183Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 184Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 185Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 186Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 187Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 188Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 189Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 184
Preliminary
© 2007 Microchip Technology Inc.
17.11 Slope Control
The I2C standard requires slope control on the SDAx
and SCLx signals for Fast mode (400 kHz). The control
bit, DISSLW, enables the user application to disable
slew rate control if desired. It is necessary to disable
the slew rate control for 1 MHz mode.
17.12 Clock Arbitration
Clock arbitration occurs when the master deasserts the
SCLx pin (SCLx allowed to float high) during any
receive, transmit or Restart/Stop condition. When the
SCLx pin is allowed to float high, the Baud Rate
Generator (BRG) is suspended from counting until the
SCLx pin is actually sampled high. When the SCLx pin
is sampled high, the BRG is reloaded with the contents
of I2CxBRG and begins counting. This process
ensures that the SCLx high time will always be at least
one BRG rollover count in the event that the clock is
held low by an external device.
17.13 Multi-Master Communication, Bus
Collision and Bus Arbitration
Multi-Master mode support is achieved by bus
arbitration. When the master outputs address/data bits
onto the SDAx pin, arbitration takes place when the
master outputs a ‘1’ on SDAx by letting SDAx float high
while another master asserts a ‘0’. When the SCLx pin
floats high, data should be stable. If the expected data
on SDAx is a ‘1’ and the data sampled on the
SDAx pin = 0, then a bus collision has taken place. The
master sets the I2C master events interrupt flag and
resets the master portion of the I2C port to its Idle state.
17.14 Peripheral Pin Select Limitations
The I2C module has limited peripheral pin select
functionality. When the ALTI2C bit in the FPOR
configuration register is set to ‘1’, I2C module uses
SDAx/SLCx pins. When ALTI2C bit is ‘0’, I2C module
uses ASDAx/ASCLx pins.\



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com