Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9725 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9725
Description  Y/C automatic adjustment processor VHS standard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9725 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9725 Datasheet HTML 9Page - NXP Semiconductors TDA9725 Datasheet HTML 10Page - NXP Semiconductors TDA9725 Datasheet HTML 11Page - NXP Semiconductors TDA9725 Datasheet HTML 12Page - NXP Semiconductors TDA9725 Datasheet HTML 13Page - NXP Semiconductors TDA9725 Datasheet HTML 14Page - NXP Semiconductors TDA9725 Datasheet HTML 15Page - NXP Semiconductors TDA9725 Datasheet HTML 16Page - NXP Semiconductors TDA9725 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1996 Oct 14
13
Philips Semiconductors
Product specification
Y/C automatic adjustment processor
(VHS standard)
TDA9725
Burst gate pulse output (or sandcastle output; pin 18); note 5
tBGP
burst gate pulse duration
4.2
4.45
4.7
µs
tBGS
start of burst gate beyond
sync start at pin 45
3.25
3.5
3.75
µs
VO(L)
LOW level DC output
voltage
inactive; I18 =1mA
−−
0.7
V
inactive; I18 =0mA
−−
0.5
V
VO(M)
medium level DC output
voltage
horizontal blanking;
10 k
Ω connected to VCC
2.2
2.6
3.0
V
VO(H)
HIGH level DC output
voltage
BGP; I18 = −0.4 mA
4.0
4.4
−
V
BGP; I18 =0mA
4.6
−−
V
tVBL(start)
vertical blanking of BGP
start
referring to first equalisation
pulse in mid of line
−
0
−
tH
tVBL(stop)
vertical blanking of BGP
stop
referring to rotary transition
23
−−
tH
referring to last equalisation pulse
in mid of line
1
−−
tH
Rotary pulse input (pin 19; open PNP base)
VC2
voltage for
−90° phase
rotation
channel 2
0
−
2.25
V
VC1
voltage for non-rotation
(PAL) or +90
° rotation
(NTSC)
channel 1
2.75
−
5V
Loop filter VXO (pin 20; record mode)
V20
DC voltage
1
2.4
3.6
V
ΦVXO
VXO sensitivity
−1.6
−1.2
−0.8
Hz/mV
fPI(U)
upper pull-in frequency
0.6
1.0
1.8
kHz
fPI(L)
lower pull-in frequency
−1.8
−1.0
−0.6
kHz
Loop filter VCO (pin 21)
V21
DC voltage
1.3
2.1
2.9
V
ΦVCO
VCO sensitivity
fH related; record mode
−34
−38
−42
kHz/V
fsc related; playback mode
−1.3
−1.5
−1.7
MHz/V
fsc output (pin 23)
V23
DC output voltage
1.8
2.3
2.8
V
Vo(p-p)
output signal voltage
(peak-to-peak value)
no load
500
600
700
mV
H2
second harmonic distortion
−−−25
dB
H3
third harmonic distortion
−−−20
dB
VXO input from crystal (pin 24); note 6
V24
DC voltage
2.6
3.0
3.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com