Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9725 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9725
Description  Y/C automatic adjustment processor VHS standard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9725 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9725 Datasheet HTML 17Page - NXP Semiconductors TDA9725 Datasheet HTML 18Page - NXP Semiconductors TDA9725 Datasheet HTML 19Page - NXP Semiconductors TDA9725 Datasheet HTML 20Page - NXP Semiconductors TDA9725 Datasheet HTML 21Page - NXP Semiconductors TDA9725 Datasheet HTML 22Page - NXP Semiconductors TDA9725 Datasheet HTML 23Page - NXP Semiconductors TDA9725 Datasheet HTML 24Page - NXP Semiconductors TDA9725 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1996 Oct 14
21
Philips Semiconductors
Product specification
Y/C automatic adjustment processor
(VHS standard)
TDA9725
CHROMINANCE FILTER CHARACTERISTICS
Table 2
Low-pass filter 630 kHz; frequency response pin 33 to pin 28
Table 3
Band-pass filter 4.43 MHz at record mode; frequency response pin 43 to pin 35
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
PAL; NTSC/REC
∆G1
frequency response 1
G(1 MHz)/G(0.2 MHz)
−4
−3
−2dB
∆G2
frequency response 2
G(1.5 MHz)/G(0.2 MHz)
−9
−7
−5dB
∆G3
frequency response 3
G(2 MHz)/G(0.2 MHz)
−10
−14
−18
dB
∆G4
frequency response 4
G(3 MHz)/G(0.2 MHz)
−−−25
dB
∆G5
frequency response 5
G(4.43 MHz)/G(0.2 MHz)
−−−40
dB
∆G7
frequency response 7
G(9.5 MHz)/G(0.2 MHz)
−−−35
dB
td
group delay 1
fi = 0.63 MHz
295
335
375
ns
SECAM; REC
∆G2
frequency response (2)
G(1.5 MHz)/G(0.2 MHz)
−5
−3
−1dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
PAL; NTSC/REC
∆G1
frequency response 1
G(<2.7 MHz)/G(4.43 MHz)
−−−22
dB
∆G2
frequency response 2
G(2.7 MHz)/G(4.43 MHz)
−−−30
dB
∆G3
frequency response 3
G(3.93 MHz)/G(4.43 MHz)
−3.8
−2.8
−1.8
dB
∆G4
frequency response 4
G(4.93 MHz)/G(4.43 MHz)
−2.5
−1.5
−0.5
dB
∆G5
frequency response 5
G(6.2 MHz)/G(4.43 MHz)
−−−30
dB
∆G6
frequency response 6
G(>6.2 MHz)/G(4.43 MHz)
−−−15
dB
td
group delay 1
fi = 4.43 MHz
410
450
490
ns
SECAM; REC
∆G7
frequency response 7
G(5.7 MHz)/G(4.43 MHz)
−−−25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com