Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9725 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9725
Description  Y/C automatic adjustment processor VHS standard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9725 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9725 Datasheet HTML 14Page - NXP Semiconductors TDA9725 Datasheet HTML 15Page - NXP Semiconductors TDA9725 Datasheet HTML 16Page - NXP Semiconductors TDA9725 Datasheet HTML 17Page - NXP Semiconductors TDA9725 Datasheet HTML 18Page - NXP Semiconductors TDA9725 Datasheet HTML 19Page - NXP Semiconductors TDA9725 Datasheet HTML 20Page - NXP Semiconductors TDA9725 Datasheet HTML 21Page - NXP Semiconductors TDA9725 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1996 Oct 14
18
Philips Semiconductors
Product specification
Y/C automatic adjustment processor
(VHS standard)
TDA9725
LINE NOISE CANCELLER (YNR WEAK; PLAYBACK MODE); note 9
LNC1
depth 1
−30 dB non-recursive
−7.0
−5.5
−4.5
dB
LNC2
depth 2
−20 dB non-recursive
−4.3
−3.3
−2.3
dB
LNC3
depth 3
0 dB non-recursive
−1.0
−0.2
0
dB
VERTICAL NOISE CANCELLER (YNR STRONG; PLAYBACK MODE); note 9
VNC1
depth 1
−30 dB recursive
−10.0
−8.5
−7.5
dB
VNC2
depth 2
−20 dB recursive
−9.0
−7.5
−6.5
dB
VNC3
depth 3
0 dB recursive
−1.8
−0.4
0
dB
PICTURE CONTROL; (note 10)
PC1
response 1 (sharp)
V1 =0V; fi = 0.5 MHz
0
0.5
1.0
dB
PC2
response 2 (sharp)
V1 =0V; fi = 2 MHz
3.7
4.7
5.7
dB
PC3
response 3 (soft)
V1 = 3.2 V; fi = 0.5 MHz
−2.3
−1.3
−0.8
dB
PC4
response 4 (soft)
V1 = 3.2 V; fi = 2 MHz
−6.8
−5.8
−4.8
dB
PC5
response 5 (centre)
pin 1 open-circuit or > 4.1 V;
fi = 2 MHz
−0.5
+0.0
+0.5
dB
td
delay time
pin 1 open-circuit; fi = 0.1 MHz
185
210
235
ns
Character insert (artificial sync/black/white/through; pin 42)
Ri
internal resistance to
ground
V42 = 0 to 1.0 V
405060k
Ω
VAS
input voltage for artificial
sync (inserts sync level)
4.0
−
5.0
V
VAB
input voltage for artificial
black (inserts black level)
2.75
−
3.5
V
VAW
input voltage for artificial
white (inserts white level)
1.5
−
2.25
V
VTHR
input voltage for through
mode
0
−
1.0
V
CVBS input (pin 43)
V43
DC voltage
2.35
2.75
3.15
V
Vi(p-p)
CVBS input voltage
(peak-to-peak value)
0.3
1.0
2.0
V
AGC detector (pin 44)
V44
detector voltage
V43 = 1 V (p-p)
1.8
2.5
3.2
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com