Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9801 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9801
Description  Single standard VIF-PLL demodulator and FM-PLL detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9801 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9801 Datasheet HTML 9Page - NXP Semiconductors TDA9801 Datasheet HTML 10Page - NXP Semiconductors TDA9801 Datasheet HTML 11Page - NXP Semiconductors TDA9801 Datasheet HTML 12Page - NXP Semiconductors TDA9801 Datasheet HTML 13Page - NXP Semiconductors TDA9801 Datasheet HTML 14Page - NXP Semiconductors TDA9801 Datasheet HTML 15Page - NXP Semiconductors TDA9801 Datasheet HTML 16Page - NXP Semiconductors TDA9801 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
1999 Aug 26
13
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator
and FM-PLL detector
TDA9801
Notes
1. Values of video and sound parameters can be decreased at VP = 4.5 V.
2. This parameter is not tested during production and is only given as application information for designing the television
receiver.
3. Conditions for video demodulator:
a) Loop bandwidth: BL = 60 kHz, natural frequency fn = 15 kHz, damping factor d = 2, calculated with grey level and
FPLL input level
b) Resonance circuit of VCO: Qo > 50, see Table 2 for the value of the external capacitor C; CVCO = 8.5 pF, loop
voltage is approximately 2.6 V at VP = 5 V and approximately 2.7 V at VP =9V.
4. Temperature coefficient of the external LC circuit is equal to zero.
5. Vi(VIF)(rms) = 10 mV; ∆f = 1 MHz (VCO frequency offset related to fPC); white picture video modulation.
6. Vi(VIF) signal for nominal video signal.
7. Broadband transformer at the VIF input (see Fig.12). The C/N ratio at the VIF input for ‘lock-in’ is defined as the VIF
input signal (RMS value of sync pulse level) related to a superimposed 5 MHz band-limited white noise signal
(RMS value). The video modulation is for white picture.
8. The offset current is measured between pin TPLL and half of the supply voltage (VP = 2.5 V) under the conditions:
a) no input signal at VIF inputs
b) IF amplifier gain at minimum (VAGC =VP) and pin ADJ is left open-circuit.
9. The intercarrier output signal is superimposed to the video signal at pin VSO and can be calculated by the following
formula:
where
a) 1.0 V (p-p) = video output signal as reference
b)
= correction term for RMS value
c)
= sound-to-picture carrier ratio at VIF inputs in dB
d) 6 dB = correction term of internal circuitry
e)
±2 dB = tolerance of video output and intercarrier output amplitude Vo(intc)(rms).
f) Example for SAW filter G1962:
sound shelf value = 20 dB,
Measurements from VIF input to AF output; notes 20 and 21; see Fig.13
S/NW
weighted signal-to-noise
ratio
“CCIR 468-4”
black picture (sync only)
46
52
−
dB
white picture
42
48
−
dB
colour bar
40
46
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
o(intc)(rms)
1.0 V (p-p)
1
22
-----------
×
10
V
i(SC)
V
i(PC)
--------------- (dB)
6 dB
2 dB
±
+
20
------------------------------------------------------------------
×
=
1
22
-----------
V
i(SC)
V
i(PC)
--------------- (dB)
V
i(SC)
V
i(PC)
---------------
27 dB
–
V
o(intc)(rms)
32 mV (typical value)
=
⇒
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com