Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9801 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9801
Description  Single standard VIF-PLL demodulator and FM-PLL detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9801 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9801 Datasheet HTML 22Page - NXP Semiconductors TDA9801 Datasheet HTML 23Page - NXP Semiconductors TDA9801 Datasheet HTML 24Page - NXP Semiconductors TDA9801 Datasheet HTML 25Page - NXP Semiconductors TDA9801 Datasheet HTML 26Page - NXP Semiconductors TDA9801 Datasheet HTML 27Page - NXP Semiconductors TDA9801 Datasheet HTML 28Page - NXP Semiconductors TDA9801 Datasheet HTML 29Page - NXP Semiconductors TDA9801 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
TDA9801
2
34
5
6
7
8
9
10
11
1
20
19
18
17
16
15
14
13
12
2.2
µF
390
Ω
0.1
µF
takeover
point
13 k
Ω
IF input
sound
mute
vision
IF
50
Ω
SAW
filter
G1962
2.2
k
Ω
22 nF
2.2
µF
10 nF
VP = 5 V (9 V)
AFC
tuner AGC
1 V (p-p)
10
µF
22 k
Ω
video and intercarrier
0.1
µF
Ω
560
(62 k
Ω)
15
µH
sound
trap
sound
filter
n.c.
330
Ω
MHA882
22 k
Ω
(62 k
Ω)
TOP
MUTE
TAGC
AFC
VCO2
VCO1
GND
VP
R3(3)
R2(2)
R1(2)
12 V (9 V)(2)
CVBS
2 V (p-p)
AF
VIF1
VIF2
ADJ
CVBS
TPLL
AF
DAF
VI
SI
VSO
AGC
(1)
Fig.13 Application circuit.
(1) See Table 2.
(2) Depends on tuner.
(3) See note 18 of Chapter “Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com