Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9801 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9801
Description  Single standard VIF-PLL demodulator and FM-PLL detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9801 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9801 Datasheet HTML 17Page - NXP Semiconductors TDA9801 Datasheet HTML 18Page - NXP Semiconductors TDA9801 Datasheet HTML 19Page - NXP Semiconductors TDA9801 Datasheet HTML 20Page - NXP Semiconductors TDA9801 Datasheet HTML 21Page - NXP Semiconductors TDA9801 Datasheet HTML 22Page - NXP Semiconductors TDA9801 Datasheet HTML 23Page - NXP Semiconductors TDA9801 Datasheet HTML 24Page - NXP Semiconductors TDA9801 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1999 Aug 26
21
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator
and FM-PLL detector
TDA9801
5
MUTE
0 to VP
6
TPLL
1.5 to 4.0
7
CVBS
sync pulse level:
1.35
8
n.c.
−
PIN
SYMBOL
DC VOLTAGE (V)
EQUIVALENT CIRCUIT (WITHOUT ESD PROTECTION CIRCUIT)
5
++
25
µA
2.5
µA
mute
MHB514
6
Ib
++
+
200
µA
VCO
MHB515
+
6.4
k
Ω
1.5 pF
2.5 mA
MHB516
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com