Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3803 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 3803
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3803 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 3803 Datasheet HTML 35Page - Renesas Technology Corp 3803 Datasheet HTML 36Page - Renesas Technology Corp 3803 Datasheet HTML 37Page - Renesas Technology Corp 3803 Datasheet HTML 38Page - Renesas Technology Corp 3803 Datasheet HTML 39Page - Renesas Technology Corp 3803 Datasheet HTML 40Page - Renesas Technology Corp 3803 Datasheet HTML 41Page - Renesas Technology Corp 3803 Datasheet HTML 42Page - Renesas Technology Corp 3803 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
Rev.1.00
Apr 2, 2007
Page 39 of 117
REJ03B0212-0100
3803 Group (Spec.L)
Fig 29. Structure of timer Z mode register
b7
b0
Timer Z mode register
(TZM : address 002A16)
Timer Z operating mode bits
b2 b1 b0
0 0 0 : Timer/Event counter mode
0 0 1 : Pulse output mode
0 1 0 : Pulse period measurement mode
0 1 1 : Pulse width measurement mode
1 0 0 : Programmable waveform generating mode
1 0 1 : Programmable one-shot generating mode
1 1 0 : Not available
1 1 1 : Not available
Timer Z write control bit
0 : Writing data to both latch and timer simultaneously
1 : Writing data only to latch
Output level latch
0 : “L” output
1 : “H” output
CNTR2 active edge switch bit
0 :
•Event counter mode: Count at rising edge
•Pulse output mode: Start outputting “H”
•Pulse period measurement mode: Measurement between two falling edges
•Pulse width measurement mode: Measurement of “H” term
•Programmable one-shot generating mode: After start outputting “L”,
“H” one-shot pulse generated
•Interrupt at falling edge
1 :
•Event counter mode: Count at falling edge
•Pulse output mode: Start outputting “L”
•Pulse period measurement mode: Measurement between two rising edges
•Pulse width measurement mode: Measurement of “L” term
•Programmable one-shot generating mode: After start outputting “H”,
“L” one-shot pulse generated
•Interrupt at rising edge
Timer Z count stop bit
0 : Count start
1 : Count stop
Timer/Event counter mode switch bit(1)
0 : Timer mode
1 : Event counter mode
Note 1: When selecting the modes except the timer/event counter mode, set “0” to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com