Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3803 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 3803
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3803 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 3803 Datasheet HTML 17Page - Renesas Technology Corp 3803 Datasheet HTML 18Page - Renesas Technology Corp 3803 Datasheet HTML 19Page - Renesas Technology Corp 3803 Datasheet HTML 20Page - Renesas Technology Corp 3803 Datasheet HTML 21Page - Renesas Technology Corp 3803 Datasheet HTML 22Page - Renesas Technology Corp 3803 Datasheet HTML 23Page - Renesas Technology Corp 3803 Datasheet HTML 24Page - Renesas Technology Corp 3803 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 119 page
background image
Rev.1.00
Apr 2, 2007
Page 21 of 117
REJ03B0212-0100
3803 Group (Spec.L)
Fig 17. Structure of port pull-up control register (2)
b7
b0
Port P2 pull-up control register
(PULL2: address 0FF216)
P20 pull-up control bit
0: No pull-up
1: Pull-up
P21 pull-up control bit
0: No pull-up
1: Pull-up
P22 pull-up control bit
0: No pull-up
1: Pull-up
P23 pull-up control bit
0: No pull-up
1: Pull-up
P24 pull-up control bit
0: No pull-up
1: Pull-up
P25 pull-up control bit
0: No pull-up
1: Pull-up
P26 pull-up control bit
0: No pull-up
1: Pull-up
P27 pull-up control bit
0: No pull-up
1: Pull-up
Note:
Pull-up control is valid when the corresponding
bit of the port direction register is “0” (input).
When that bit is “1” (output), pull-up cannot be
set to the port of which pull-up is selected.
b7
b0
Port P3 pull-up control register
(PULL3: address 0FF316)
P30 pull-up control bit
0: No pull-up
1: Pull-up
P31 pull-up control bit
0: No pull-up
1: Pull-up
Not used
(return “0” when read)
P34 pull-up control bit
0: No pull-up
1: Pull-up
P35 pull-up control bit
0: No pull-up
1: Pull-up
P36 pull-up control bit
0: No pull-up
1: Pull-up
P37 pull-up control bit
0: No pull-up
1: Pull-up
Note:
Pull-up control is valid when the corresponding
bit of the port direction register is “0” (input).
When that bit is “1” (output), pull-up cannot be
set to the port of which pull-up is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com