Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3803 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 3803
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3803 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 3803 Datasheet HTML 25Page - Renesas Technology Corp 3803 Datasheet HTML 26Page - Renesas Technology Corp 3803 Datasheet HTML 27Page - Renesas Technology Corp 3803 Datasheet HTML 28Page - Renesas Technology Corp 3803 Datasheet HTML 29Page - Renesas Technology Corp 3803 Datasheet HTML 30Page - Renesas Technology Corp 3803 Datasheet HTML 31Page - Renesas Technology Corp 3803 Datasheet HTML 32Page - Renesas Technology Corp 3803 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 119 page
background image
Rev.1.00
Apr 2, 2007
Page 29 of 117
REJ03B0212-0100
3803 Group (Spec.L)
Fig 24. Timing of interrupt request generation, interrupt request bit, and interrupt acceptance
T1
(1) The interrupt request bit for an interrupt request generated during period 1 is set to “1” at timing point IR1.
(2) The interrupt request bit for an interrupt request generated during period 2 is set to “1” at timing point IR1 or IR2.
The timing point at which the bit is set to “1” varies depending on conditions. When two or more interrupt
requests are generated during the period 2, each request bit may be set to “1” at timing point IR1 or IR2
separately.
T1 T2 T3 : Interrupt acceptance timing points
IR1 IR2 : Timings points at which the interrupt request bit is set to “1”.
Note : Period 2 indicates the last
φ cycle during one instruction cycle.
IR1 T2
SYNC
IR2 T3
12
Internal clock
φ
Instruction cycle
Push onto stack
Vector fetch
Instruction cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com