Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2H Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 35Page - Renesas Technology Corp R8C2H Datasheet HTML 36Page - Renesas Technology Corp R8C2H Datasheet HTML 37Page - Renesas Technology Corp R8C2H Datasheet HTML 38Page - Renesas Technology Corp R8C2H Datasheet HTML 39Page - Renesas Technology Corp R8C2H Datasheet HTML 40Page - Renesas Technology Corp R8C2H Datasheet HTML 41Page - Renesas Technology Corp R8C2H Datasheet HTML 42Page - Renesas Technology Corp R8C2H Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
R8C/2H Group, R8C/2J Group
4. Special Function Registers (SFRs)
Rev.1.00
Mar 28, 2008
Page 19 of 341
REJ09B0388-0100
4.
Special Function Registers (SFRs)
An SFR (special function register) is a control register for a peripheral function. Tables 4.1 to 4.12 list the special
function registers.
Table 4.1
SFR Information (1)(1)
X: Undefined
NOTES:
1.
The blank regions are reserved. Do not access locations in these regions.
2.
The CSPROINI bit in the OFS register is set to 0.
3.
This register is not implemented in the R8C/2J Group.
Address
Register
Symbol
After reset
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
00h
0005h
Processor Mode Register 1
PM1
00h
0006h
System Clock Control Register 0
CM0
01011000b
0007h
System Clock Control Register 1
CM1
00h
0008h
0009h
000Ah
Protect Register
PRCR
00h
000Bh
000Ch
System Clock Select Register(3)
OCD
00000100b
000Dh
Watchdog Timer Reset Register
WDTR
XXh
000Eh
Watchdog Timer Start Register
WDTS
XXh
000Fh
Watchdog Timer Control Register
WDC
00X11111b
0010h
Address Match Interrupt Register 0
RMAD0
00h
0011h
00h
0012h
00h
0013h
Address Match Interrupt Enable Register
AIER
00h
0014h
Address Match Interrupt Register 1
RMAD1
00h
0015h
00h
0016h
00h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
00h
10000000b(2)
001Dh
001Eh
001Fh
0020h
High-Speed On-Chip Oscillator Control Register 0
HRA0
00h
0021h
High-Speed On-Chip Oscillator Control Register 1
HRA1
When Shipping
0022h
High-Speed On-Chip Oscillator Control Register 2
HRA2
00h
0023h
0024h
0025h
0026h
0027h
0028h
Clock Prescaler Reset Flag(3)
CPSRF
00h
0029h
High-Speed On-Chip Oscillator Control Register 4
FRA4
When Shipping
002Ah
002Bh
High-Speed On-Chip Oscillator Control Register 6
FRA6
When Shipping
002Ch
002Dh
002Eh
BGR Trimming Auxiliary Register A
BGRTRMA
When Shipping
002Fh
BGR Trimming Auxiliary Register B
BGRTRMB
When Shipping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com