Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2H Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 28Page - Renesas Technology Corp R8C2H Datasheet HTML 29Page - Renesas Technology Corp R8C2H Datasheet HTML 30Page - Renesas Technology Corp R8C2H Datasheet HTML 31Page - Renesas Technology Corp R8C2H Datasheet HTML 32Page - Renesas Technology Corp R8C2H Datasheet HTML 33Page - Renesas Technology Corp R8C2H Datasheet HTML 34Page - Renesas Technology Corp R8C2H Datasheet HTML 35Page - Renesas Technology Corp R8C2H Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
R8C/2H Group, R8C/2J Group
1. Overview
Rev.1.00
Mar 28, 2008
Page 12 of 341
REJ09B0388-0100
1.5
Pin Functions
Table 1.7 lists Pin Functions of R8C/2H Group and Table 1.8 lists Pin Functions of R8C/2J Group.
I: Input
O: Output
I/O: Input and output
NOTE:
1. Refer to the oscillator manufacturer for oscillation characteristics.
Table 1.7
Pin Functions of R8C/2H Group
Type
Symbol
I/O Type
Description
Power supply input VCC, VSS
–
Apply 2.2 V to 5.5 V to the VCC pin. Apply 0 V to the VSS pin.
Reset input
RESET
I
Input “L” on this pin resets the MCU.
MODE
MODE
I
Connect this pin to VCC via a resistor.
XCIN clock input
XCIN
I
These pins are provided for XCIN clock generation circuit I/O.
Connect a crystal oscillator between the XCIN and XCOUT
pins.(1) To use an external clock, input it to the XCIN pin and
leave the XCOUT pin open.
XCIN clock output
XCOUT
O
INT interrupt input
INT0, INT1
IINT interrupt input pins
Key input interrupt
KI0 to KI3
I
Key input interrupt input pins
Timer RA
TRAIO
I/O
Timer RA I/O pin
TRAO
O
Timer RA output pin
Timer RB
TRBO
O
Timer RB output pin
Timer RE
TREO
O
Divided clock output pin
Timer RF
TRFI
I
Timer RF input pin
TRFO00 to TRFO02,
TRFO10 to TRFO11
O
Timer RF output pins
Serial interface
CLK0, CLK2
I/O
Clock I/O pin
RXD0, RXD2
I
Serial data input pin
TXD0, TXD2
O
Serial data output pin
Comparator
VCMP1, VCMP2
I
Analog input pins to comparator
CVREF
I
Reference voltage input pin to comparator
VCOUT1, VCOUT2
O
Comparator output pins
I/O port
P1_0 to P1_7,
P3_3, P3_7,
P4_3, P4_5,
P6_3 to P6_5
I/O
CMOS I/O ports. Each port has an I/O select direction
register, allowing each pin in the port to be directed for input
or output individually.
Any port set to input can be set to use a pull-up resistor or not
by a program.
Output port
P4_4
O
Output-only port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com