Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2H Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8C2H
Description  MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 45Page - Renesas Technology Corp R8C2H Datasheet HTML 46Page - Renesas Technology Corp R8C2H Datasheet HTML 47Page - Renesas Technology Corp R8C2H Datasheet HTML 48Page - Renesas Technology Corp R8C2H Datasheet HTML 49Page - Renesas Technology Corp R8C2H Datasheet HTML 50Page - Renesas Technology Corp R8C2H Datasheet HTML 51Page - Renesas Technology Corp R8C2H Datasheet HTML 52Page - Renesas Technology Corp R8C2H Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
R8C/2H Group, R8C/2J Group
4. Special Function Registers (SFRs)
Rev.1.00
Mar 28, 2008
Page 29 of 341
REJ09B0388-0100
Table 4.11
SFR Information (11)(1)
X: Undefined
NOTES:
1.
The blank regions are reserved. Do not access locations in these regions.
2.
After input capture mode.
3.
After output compare mode.
4.
This register is not implemented in the R8C/2J Group.
Address
Register
Symbol
After reset
0270h
0271h
0272h
0273h
0274h
0275h
0276h
0277h
0278h
0279h
027Ah
027Bh
027Ch
027Dh
027Eh
027Fh
0280h
0281h
0282h
0283h
0284h
0285h
0286h
0287h
0288h
0289h
028Ah
028Bh
028Ch
028Dh
028Eh
028Fh
0290h
Timer RF Register
TRF
00h
0291h
00h
0292h
0293h
0294h
0295h
0296h
0297h
0298h
0299h
Timer RF Control Register 2(4)
TRFCR2
00h
029Ah
Timer RF Control Register 0
TRFCR0
00h
029Bh
Timer RF Control Register 1
TRFCR1
00h
029Ch
Capture and Compare 0 Register
TRFM0
0000h(2)
029Dh
FFFFh(3)
029Eh
Compare 1 Register
TRFM1
FFh
029Fh
FFh
02A0h
02A1h
02A2h
02A3h
02A4h
02A5h
02A6h
02A7h
02A8h
02A9h
02AAh
02ABh
02ACh
02ADh
02AEh
02AFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com