Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R8C2K
Description  MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 38Page - Renesas Technology Corp R8C2K Datasheet HTML 39Page - Renesas Technology Corp R8C2K Datasheet HTML 40Page - Renesas Technology Corp R8C2K Datasheet HTML 41Page - Renesas Technology Corp R8C2K Datasheet HTML 42Page - Renesas Technology Corp R8C2K Datasheet HTML 43Page - Renesas Technology Corp R8C2K Datasheet HTML 44Page - Renesas Technology Corp R8C2K Datasheet HTML 45Page - Renesas Technology Corp R8C2K Datasheet HTML 46Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
R8C/2K Group, R8C/2L Group
5. Resets
Rev.1.10
Dec 21, 2007
Page 28 of 450
REJ09B0406-0110
Figure 5.5
Example of Hardware Reset Circuit and Operation
Figure 5.6
Example of Hardware Reset Circuit (Usage Example of External Supply Voltage
Detection Circuit) and Operation
RESET
VCC
VCC
RESET
2.2 V
0 V
0.2 VCC or below
td(P-R) + 10
µs or more
0 V
NOTE:
1. Refer to 22. Electrical Characteristics.
RESET
VCC
VCC
RESET
2.2 V
0 V
0 V
5 V
5 V
Example when
VCC = 5 V
Supply voltage
detection circuit
NOTE:
1. Refer to 22. Electrical Characteristics.
td(P-R) + 10
µs or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com