Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R8C2K
Description  MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 19Page - Renesas Technology Corp R8C2K Datasheet HTML 20Page - Renesas Technology Corp R8C2K Datasheet HTML 21Page - Renesas Technology Corp R8C2K Datasheet HTML 22Page - Renesas Technology Corp R8C2K Datasheet HTML 23Page - Renesas Technology Corp R8C2K Datasheet HTML 24Page - Renesas Technology Corp R8C2K Datasheet HTML 25Page - Renesas Technology Corp R8C2K Datasheet HTML 26Page - Renesas Technology Corp R8C2K Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
R8C/2K Group, R8C/2L Group
1. Overview
Rev.1.10
Dec 21, 2007
Page 6 of 450
REJ09B0406-0110
1.2
Product List
Table 1.5 lists the Product List for R8C/2K Group, Figure 1.1 shows a Part Number, Memory Size, and Package of
R8C/2K Group, Table 1.6 lists the Product List for R8C/2L Group, and Figure 1.2 shows a Part Number, Memory
Size, and Package of R8C/2L Group.
(D): Under development
NOTE:
1. The user ROM is programmed before shipment.
Figure 1.1
Part Number, Memory Size, and Package of R8C/2K Group
Table 1.5
Product List for R8C/2K Group
Current of Dec. 2007
Part No.
ROM Capacity
RAM Capacity
Package Type
Remarks
R5F212K2SNFP
8 Kbytes
1 Kbyte
PLQP0032GB-A
N version
R5F212K4SNFP
16 Kbytes
1.5 Kbytes
PLQP0032GB-A
R5F212K2SDFP
8 Kbytes
1 Kbyte
PLQP0032GB-A
D version
R5F212K4SDFP
16 Kbytes
1.5 Kbytes
PLQP0032GB-A
R5F212K2SNXXXFP (D) 8 Kbytes
1 Kbyte
PLQP0032GB-A
N version
Factory programming
product(1)
R5F212K4SNXXXFP (D) 16 Kbytes
1.5 Kbytes
PLQP0032GB-A
R5F212K2SDXXXFP (D) 8 Kbytes
1 Kbyte
PLQP0032GB-A
D version
Factory programming
product(1)
R5F212K4SDXXXFP (D) 16 Kbytes
1.5 Kbytes
PLQP0032GB-A
Part No.
R 5 F 21 2K 2 S N XXX FP
Package type:
FP: PLQP0032GB-A
ROM number
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
Y: Operating ambient temperature -20°C to 105°C (1)
S: Low-voltage version
ROM capacity
2: 8 KB
4: 16 KB
R8C/2K Group
R8C/Tiny Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor
NOTE:
1: Please contact Renesas Technology sales offices for the Y version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com