Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C2K
Description  MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 24Page - Renesas Technology Corp R8C2K Datasheet HTML 25Page - Renesas Technology Corp R8C2K Datasheet HTML 26Page - Renesas Technology Corp R8C2K Datasheet HTML 27Page - Renesas Technology Corp R8C2K Datasheet HTML 28Page - Renesas Technology Corp R8C2K Datasheet HTML 29Page - Renesas Technology Corp R8C2K Datasheet HTML 30Page - Renesas Technology Corp R8C2K Datasheet HTML 31Page - Renesas Technology Corp R8C2K Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
R8C/2K Group, R8C/2L Group
1. Overview
Rev.1.10
Dec 21, 2007
Page 11 of 450
REJ09B0406-0110
1.5
Pin Functions
Table 1.8 lists Pin Functions.
I: Input
O: Output
I/O: Input and output
NOTE:
1. Refer to the oscillator manufacturer for oscillation characteristics.
Table 1.8
Pin Functions
Item
Pin Name
I/O Type
Description
Power supply input
VCC, VSS
−
Apply 2.2 V to 5.5 V to the VCC pin. Apply 0 V to the VSS pin.
Analog power
supply input
AVCC, AVSS
−
Power supply for the A/D converter.
Connect a capacitor between AVCC and AVSS.
Reset input
RESET
I
Input “L” on this pin resets the MCU.
MODE
MODE
I
Connect this pin to VCC via a resistor.
XIN clock input
XIN
I
These pins are provided for XIN clock generation circuit I/O.
Connect a ceramic resonator or a crystal oscillator between
the XIN and XOUT pins(1). To use an external clock, input it to
the XIN pin and leave the XOUT pin open.
XIN clock output
XOUT
O
INT interrupt input
INT0, INT1, INT3
I
INT interrupt input pins.
INT0 is timer RB, timer RC and timer RD input pins.
Key input interrupt
KI0 to KI3
I
Key input interrupt input pins
Timer RA
TRAIO
I/O
Timer RA I/O pin
Timer RB
TRBO
O
Timer RB output pin
Timer RC
TRCCLK
I
External clock input pin
TRCTRG
I
External trigger input pin
TRCIOA, TRCIOB,
TRCIOC, TRCIOD
I/O
Timer RC I/O pins
Timer RD
TRDIOA0, TRDIOA1,
TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1,
TRDIOD0, TRDIOD1
I/O
Timer RD I/O pins
TRDCLK
I
External clock input pin
Serial interface
CLK0, CLK2
I/O
Transfer clock I/O pins
RXD0, RXD2
I
Serial data input pins
TXD0, TXD2
O
Serial data output pins
Reference voltage
input
VREF
I
Reference voltage input pin to A/D converter
A/D converter
AN2, AN4 to AN11
I
Analog input pins to A/D converter
I/O port
P0_0 to P0_3, P0_5,
P1_0 to P1_7,
P2_0 to P2_7,
P3_3 to P3_5,
P4_5,
I/O
CMOS I/O ports. Each port has an I/O select direction
register, allowing each pin in the port to be directed for input
or output individually.
Any port set to input can be set to use a pull-up resistor or not
by a program.
P2_0 to P2_7 also function as LED drive ports.
Input port
P4_2, P4_6, P4_7
I
Input-only ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com