Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17431FP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HA17431FP
Description  Shunt Regulato
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431FP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HA17431FP Datasheet HTML 10Page - Renesas Technology Corp HA17431FP Datasheet HTML 11Page - Renesas Technology Corp HA17431FP Datasheet HTML 12Page - Renesas Technology Corp HA17431FP Datasheet HTML 13Page - Renesas Technology Corp HA17431FP Datasheet HTML 14Page - Renesas Technology Corp HA17431FP Datasheet HTML 15Page - Renesas Technology Corp HA17431FP Datasheet HTML 16Page - Renesas Technology Corp HA17431FP Datasheet HTML 17Page - Renesas Technology Corp HA17431FP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
HA17431 Series
REJ03D0678-0300 Rev.3.00 Apr 03, 2007
Page 14 of 19
Application Hints
(cont.)
No.
Application Example
Description
6
Constant voltage regulator circuit
VCC
R1
R2
R3
Cf
Q
Vout
GND
GND
This is a 3-pin regulator with a discrete configuration, in which the
output voltage
Vout = 2.5 V
×
(R2 + R3)
R3
R1 is a bias resistance for supplying the HA17431 cathode current
and the output transistor Q base current.
7
Discharge type constant current circuit
GND
VCC
R
RS
Q
2.5 V
+
–
IL
This circuit supplies a constant current of
IL ≅
[A] into the load. Caution is required
2.5 V
RS
since the HA17431 cathode current is also superimposed on IL.
The requirement in this circuit is that the cathode current must be
greater than Imin = 1 mA. The IL setting therefore must be on the
order of several mA or more.
8
Induction type constant current circuit
GND
VCC
R
Q
2.5 V
+
–
IL
RS
In this circuit, the load is connected on the collector side of
transistor Q in circuit 7 above. In this case, the load floats from
GND, but the HA17431 cathode current is not superimposed on IL,
so that IL can be kept small (1 mA or less is possible). The constant
current value is the same as for circuit 7 above:
IL ≅
[A]
2.5 V
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com