Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17431FP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HA17431FP
Description  Shunt Regulato
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431FP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HA17431FP Datasheet HTML 12Page - Renesas Technology Corp HA17431FP Datasheet HTML 13Page - Renesas Technology Corp HA17431FP Datasheet HTML 14Page - Renesas Technology Corp HA17431FP Datasheet HTML 15Page - Renesas Technology Corp HA17431FP Datasheet HTML 16Page - Renesas Technology Corp HA17431FP Datasheet HTML 17Page - Renesas Technology Corp HA17431FP Datasheet HTML 18Page - Renesas Technology Corp HA17431FP Datasheet HTML 19Page - Renesas Technology Corp HA17431FP Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
HA17431 Series
REJ03D0678-0300 Rev.3.00 Apr 03, 2007
Page 18 of 19
4.5 ± 0.1
1.8 Max
1.5 ± 0.1
0.44 Max
0.44 Max
0.48 Max
0.53 Max
1.5 1.5
3.0
φ 1
(1.5)
Previous Code
PLZZ0004CA-A
UPAK / UPAKV
MASS[Typ.]
0.050g
SC-62
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
UPAK
A
L
e
c1
b1
D
E
A2
bp
c
θ
x
y
HE
Z
L1
4.85
1.05
0.12
0°
8°
6.5
0.15 0.20 0.25
0.45
0.00
0.1
0.20
4.4
0.42 0.60 0.85
2.03
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
5.25
A1
0.35
0.4
6.75
6.35
1.27
0.15
0.75
5
8
4
F
*1
*3
p
M
x
y
1
Index mark
Z
b
D
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-SOP8-4.4x4.85-1.27
0.1g
MASS[Typ.]
FP-8DGV
PRSP0008DE-B
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com