Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17431FP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HA17431FP
Description  Shunt Regulato
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431FP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HA17431FP Datasheet HTML 11Page - Renesas Technology Corp HA17431FP Datasheet HTML 12Page - Renesas Technology Corp HA17431FP Datasheet HTML 13Page - Renesas Technology Corp HA17431FP Datasheet HTML 14Page - Renesas Technology Corp HA17431FP Datasheet HTML 15Page - Renesas Technology Corp HA17431FP Datasheet HTML 16Page - Renesas Technology Corp HA17431FP Datasheet HTML 17Page - Renesas Technology Corp HA17431FP Datasheet HTML 18Page - Renesas Technology Corp HA17431FP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
HA17431 Series
REJ03D0678-0300 Rev.3.00 Apr 03, 2007
Page 15 of 19
Design Guide for AC-DC SMPS (Switching Mode Power Supply)
1. Use of Shunt Regulator in Transformer Secondary Side Control
This example is applicable to both forward transformers and flyback transformers. A shunt regulator is used on the
secondary side as an error amplifier, and feedback to the primary side is provided via a photocoupler.
R1
R2
R3
R4
Transformer
Photocoupler
Light
emitting diode
Phototransistor
Output
C1
R5
REF
GND
A
K
VK
IB
IF
HA17431
VF
SBD
PWM IC
HA17384
HA17385
Vref
V0
(+)
(–)
Figure 2 Typical Shunt Regulator/Error Amplifier
2. Determination of External Constants for the Shunt Regulator
A. DC characteristic determination
In figure 2, R1 and R2 are protection resistor for the light emitting diode in the photocoupler, and R2 is a bypass
resistor to feed IK minimum, and these are determined as shown below. The photocoupler specification should
be obtained separately from the manufacturer. Using the parameters in figure 2, the following formulas are
obtained:
R1 =
V0 – VF – VK
IF + IB
, R2 =
VF
IB
VK is the HA17431 operating voltage, and is set at around 3 V, taking into account a margin for fluctuation. R2
is the current shunt resistance for the light emitting diode, in which a bias current IB of around 1/5 IF flows.
Next, the output voltage can be determined by R3 and R4, and the following formula is obtained:
V0 =
R3 + R4
R4
× Vref, Vref = 2.5 V Typ
The absolute values of R3 and R4 are determined by the HA17431 reference input current Iref and the AC
characteristics described in the next section. The Iref value is around 3.8
µA Typ. (V version: 2 µA Typ)
B. AC characteristic determination
This refers to the determination of the gain frequency characteristic of the shunt regulator as an error amplifier.
Taking the configuration in figure 2, the error amplifier characteristic is as shown in figure 3.
When R5 = 0
When R5
≠ 0
G1
f1
fAC
f2
G2
fOSC Frequency f (Hz)
* fOSC : PWM switching frequency
Figure 3 HA17431 Error Amplification Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com