Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M5295AP
Description  Watchdog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5295AP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M5295AP Datasheet HTML 4Page - Renesas Technology Corp M5295AP Datasheet HTML 5Page - Renesas Technology Corp M5295AP Datasheet HTML 6Page - Renesas Technology Corp M5295AP Datasheet HTML 7Page - Renesas Technology Corp M5295AP Datasheet HTML 8Page - Renesas Technology Corp M5295AP Datasheet HTML 9Page - Renesas Technology Corp M5295AP Datasheet HTML 10Page - Renesas Technology Corp M5295AP Datasheet HTML 11Page - Renesas Technology Corp M5295AP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
M5295AL/AP/AFP
REJ03D0780-0200 Rev.2.00 Jun 15, 2007
Page 8 of 12
Application Example
Clock
MCU/MPU
RST1
(RESET)
RST2
(HOLD)
123456
7
8
M5295A
VDD
Figure 8 Application Example
Notice for Use
1. When malfunction occurs due to noise or order related trouble, connect capacitance of approximately 1000 pF
between pin (5) and GND as well as pin (8) and GND to stabilize operation.
2. To adjust detection voltage, add resistance of 15 k
Ω or less to both V
CC and GND via adjusting pins. (Set detection
voltage to no less than 3 V.)
3. Set tWD and tRST(2) as shown below:
110
µs ≤ t
WD ≤ 1.1 s
8.3
µs ≤ t
RST(2) ≤ 83 ms
10 k
Ω ≤ R
1 ≤ 30 kΩ
4. Input clock pulses to pin (1) via capacitor. To determine capacitance, refer to “Relationship between input pulse
width and input capacitance Cin”.
123456
7
8
M5295A
VCC
RESET output
3.5V
Backup power supply
Backup switching voltage VTH2(L) Switching voltage calculation formula
Note: Set backup switching voltage to be more than or equal to backup supply voltage.
To System
R4
10k
Ω
R3
VTH2(L) =
× 1.24 (V)
R03 + R04
R04
R03 = R3 // 51.2kΩ
R04 = R4 // 18.8kΩ
Figure 9 Example of Backup Circuit with M5295AL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com