Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M5295AP
Description  Watchdog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5295AP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M5295AP Datasheet HTML 5Page - Renesas Technology Corp M5295AP Datasheet HTML 6Page - Renesas Technology Corp M5295AP Datasheet HTML 7Page - Renesas Technology Corp M5295AP Datasheet HTML 8Page - Renesas Technology Corp M5295AP Datasheet HTML 9Page - Renesas Technology Corp M5295AP Datasheet HTML 10Page - Renesas Technology Corp M5295AP Datasheet HTML 11Page - Renesas Technology Corp M5295AP Datasheet HTML 12Page - Renesas Technology Corp M5295AP Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
M5295AL/AP/AFP
REJ03D0780-0200 Rev.2.00 Jun 15, 2007
Page 9 of 12
Typical Characteristics
1000
0
0
25
50
75
100
125
200
400
600
800
4.9
4.1
–40
0
–20
20 40
80
60
120
100
4.2
4.3
4.4
4.6
4.8
4.5
4.7
VTH1
VTH2(L)
VTH2(H)
Circuit Current vs. Ambient Temperature
Ambient Temperature Ta (°C)
1.6
0
–40
0
–20
20 40
80
60
120
100
0.2
0.4
0.6
1.0
1.4
0.8
1.2
4.0
0
0.5
1.0
1.5
2.5
3.5
2.0
3.0
0.8
0
0.1
0.2
0.3
0.5
0.7
0.4
0.6
RL = 4.7kΩ
(ICC fluctuation caused
by circuit operation)
M5295AFP
M5295AP
M5295AL
Circuit Current vs. Supply Voltage
Supply Voltage VCC (V)
Supply Voltage VCC (V)
02
6
48
12
16
10
14
00.2
0.6
0.4
0.8
1.2
1.6
1.0
1.4
Critical Operation Voltage Characteristics
VCC = 5V
CD = 0.01µF
Delay Time vs. Delay Capacity
0.01
0.1
1
10
100
Delay Capacity C (
µF)
100
0.01
1
0.1
10
VCC = 5V
RST2 High
RST1 High
RL = 2.2kΩ
RL = 22kΩ
RL = 100kΩ
tWD (R1 = 10kΩ)
tRST2
Thermal Derating
(Maximum Rating)
Ambient Temperature Ta (°C)
Detection Voltage vs. Ambient Temperature
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com