Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M5295AP
Description  Watchdog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5295AP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M5295AP Datasheet HTML 1Page - Renesas Technology Corp M5295AP Datasheet HTML 2Page - Renesas Technology Corp M5295AP Datasheet HTML 3Page - Renesas Technology Corp M5295AP Datasheet HTML 4Page - Renesas Technology Corp M5295AP Datasheet HTML 5Page - Renesas Technology Corp M5295AP Datasheet HTML 6Page - Renesas Technology Corp M5295AP Datasheet HTML 7Page - Renesas Technology Corp M5295AP Datasheet HTML 8Page - Renesas Technology Corp M5295AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
M5295AL/AP/AFP
REJ03D0780-0200 Rev.2.00 Jun 15, 2007
Page 3 of 12
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Supply voltage
VCC
15
V
Input voltage
VIN
–10 to +10
V
Output voltage
VOUT
15
V
Output current
IOUT
10
mA
Power dissipation
Pd
800(AL)/625(AP)/440(AFP)
mW
Thermal derating
K
θ
8.0(AL)/6.25(AP)/4.4(AFP)
mW/°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
DC Characteristics
Test Conditions
Item
Symbol
Min
Typ
Max
Unit
Pin
IIH
0.06
0.15
0.25
VIN = 5V
WD input current
IIL
–0.05
–0.1
–0.15
mA
WD
VIN = –5V
VIH
2
—
—
WD input voltage
VIL
—
—
0.8
V
WD
TC output current
IOUT
—
—
–1
µA
TC
VIN = 1.5V
TC input current
IIN
—
3.3
—
mA
TC
VOUT = 4.2V
VTH3(H)
3.7
4
4.3
Threshold voltage of
watchdog timer
VTH3(L)
1.7
2
2.3
V
TC
Output voltage
VOL
—
0.1
0.5
V
IOUT = 1mA
Output leakage current
Ileak
—
—
5
µA
RST1
RST2
VOUT = 15V
VCC detective voltage (1)
VTH1
4.05
4.25
4.45
V
VCC
VTH2(H)
4.5
4.7
4.9
VTH2(L)
4.45
4.6
4.75
VCC detective voltage (2)
∆V
TH2
0.05
0.1
0.2
V
VCC
ADJ1 voltage
V5
1.17
1.46
1.75
V
ADJ1
ADJ2 voltage
V8
1.07
1.34
1.61
V
ADJ2
RST1 on voltage
RST1
—
—
0.5
V
RST1
VCC = 1.2V, RL = 4.7kΩ
RST2 on voltage
RST2
—
—
0.5
V
RST2
VCC = 1.2V, RL = 4.7kΩ
Circuit current
ICC
—
0.8
1.5
mA
VCC
DC Characteristics
Test Conditions
Item
Symbol
Min
Typ
Max
Unit
Pin
—
1.1
⋅C⋅R
1
—
s
Watchdog timer
TWD
0.5
1.1
1.7
ms
RST1
C = 0.1
µF, R
1 = 10kΩ
—
0.5
⋅C⋅R
1
—
s
Reset timer (1)
tRST(1)
0.2
0.5
1.1
ms
RST1
C = 0.1
µF, R
1 = 10kΩ
—
830
⋅C
—
s
R1 = 10kΩ
Reset timer (2)
tRST(2)
40
83
220
µs
RST1
C = 0.1
µF, R
1 = 10kΩ
Input pulse watch
tWDIN
3
—
—
µs
WD
td1
—
20
—
RST1
Transmittal delay time
td2
—
10
—
µs
RST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com