Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M5295AFP
Description  Watchdog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5295AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M5295AFP Datasheet HTML 1Page - Renesas Technology Corp M5295AFP Datasheet HTML 2Page - Renesas Technology Corp M5295AFP Datasheet HTML 3Page - Renesas Technology Corp M5295AFP Datasheet HTML 4Page - Renesas Technology Corp M5295AFP Datasheet HTML 5Page - Renesas Technology Corp M5295AFP Datasheet HTML 6Page - Renesas Technology Corp M5295AFP Datasheet HTML 7Page - Renesas Technology Corp M5295AFP Datasheet HTML 8Page - Renesas Technology Corp M5295AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
M5295AL/AP/AFP
REJ03D0780-0200 Rev.2.00 Jun 15, 2007
Page 5 of 12
1. Pin(2) (TC pin) charge time and discharge time
When input to WD pin is abnormal, TC pin output waveform is as shown below:
0V
TC
4
5
tWD
tRST(1)
tRST(2)
⋅ VCC
2
5
⋅ VCC
tRST(1) = 0.51 ⋅ C ⋅ R1
tWD = 1.1 ⋅ C ⋅ R1 (charge time)
tRST(2) = 1000 ⋅ C ⋅ ln
(discharge time)
R1
1000
– 1
4
⋅
R1
1000
– 3
2
⋅
Resistance R1: 10kΩ ≤ R1 ≤ 30kΩ
When R1 is 10kΩ, tRST(2) is 830 ⋅ C
VCC
2
C
R1
Figure 2
2. Pin (1) (WD pin) input frequency, input pulse width, charge time and discharge time
When input to WD pin is normal, TC pin output waveform is as shown below:
t1
tWDIN
t2
(VCC = 5V)
t1 = C ⋅ R1 ⋅ ln
(charge time)
t2 = 1000 ⋅ C ⋅ ln
(discharge time)
R1
1000
+ 1) x – 5
(
3
5 – x
R1
1000
– 3
2
⋅
4V
Pin (2)
2V
xV
Input
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com