Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M5295AFP
Description  Watchdog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5295AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M5295AFP Datasheet HTML 3Page - Renesas Technology Corp M5295AFP Datasheet HTML 4Page - Renesas Technology Corp M5295AFP Datasheet HTML 5Page - Renesas Technology Corp M5295AFP Datasheet HTML 6Page - Renesas Technology Corp M5295AFP Datasheet HTML 7Page - Renesas Technology Corp M5295AFP Datasheet HTML 8Page - Renesas Technology Corp M5295AFP Datasheet HTML 9Page - Renesas Technology Corp M5295AFP Datasheet HTML 10Page - Renesas Technology Corp M5295AFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
M5295AL/AP/AFP
REJ03D0780-0200 Rev.2.00 Jun 15, 2007
Page 7 of 12
4. VCC detection voltage adjustment
(1) Detection voltage 1 (VTH1) adjustment
To adjust detection voltage 1, determine external resistance with
the following equations.
5
3
6
VTH1 (V)
13
10
7
5
4.25
4
3.5
Detection voltage calculation formula
R2
R1
20.4k
+
–
49.6k
RL
1.24V
4
(a) VTH1 > 4.25V (R1 = 10kΩ)
VTH1 =
× 1.24 (V)
R01 + R02
R02
R2 =
8.322k
× 1.24
VTH1 – 1.24
)
(R0 =
1
1
R0
1
20.4k
–
(b) VTH1 < 4.25V (R2 = 5kΩ)
R1 =
(VTH1 – 1.24) 4.016k
1.24
)
(R0 =
1
1
R0
1
49.6k
–
R1 (kΩ)
10
10
10
10
—
10.90
8.59
R2 (kΩ)
0.92
1.25
1.96
3.17
—
5
5
R01 = R1 // 49.6kΩ
R02 = R2 // 20.4kΩ
Figure 6 Detection Voltage 1 (VTH1) Adjustment
(2) Detection voltage 2 (VTH2(L)) adjustment
8
7
6
R4
R3
18.8k
+
–
51.2k
RL
1.24V
4
(a) VTH2(L) > 4.6V (R3 = 10kΩ)
R4 =
8.37k
× 1.24
VTH2(L) – 1.24
)
(R0 =
1
1
R0
1
18.8k
–
(b) VTH2(L) < 4.6V (R4 = 5kΩ)
R3 =
(VTH2(L) – 1.24) 3.95k
1.24
)
(R0 =
1
1
R0
1
51.2k
–
VTH2(L) (V)
13
10
7
5
4.6
4
3.5
VTH2(L) =
× 1.24 (V)
R03 + R04
R04
∆VTH2 =
× 100 (mV)
R03
51.2k
R3 (kΩ)
10
10
10
10
—
10.61
8.38
∆VTH2 (mV)
16.3
16.3
16.3
16.3
100
17.2
14.1
R4 (kΩ)
0.93
1.26
1.99
3.24
—
5
5
R03 = R3 // 51.2kΩ
R04 = R4 // 18.8kΩ
Detection voltage calculation formula
To adjust detection voltage 2, determine external resistance with
the following equations.
Figure 7 Detection Voltage 2 (VTH2(L)) Adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com