Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5295AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M5295AFP
Description  Watchdog Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5295AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M5295AFP Datasheet HTML 5Page - Renesas Technology Corp M5295AFP Datasheet HTML 6Page - Renesas Technology Corp M5295AFP Datasheet HTML 7Page - Renesas Technology Corp M5295AFP Datasheet HTML 8Page - Renesas Technology Corp M5295AFP Datasheet HTML 9Page - Renesas Technology Corp M5295AFP Datasheet HTML 10Page - Renesas Technology Corp M5295AFP Datasheet HTML 11Page - Renesas Technology Corp M5295AFP Datasheet HTML 12Page - Renesas Technology Corp M5295AFP Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
M5295AL/AP/AFP
REJ03D0780-0200 Rev.2.00 Jun 15, 2007
Page 10 of 12
Load Current IOUT (mA)
1.6
0
0.1
1
10
100
0.2
0.4
0.6
1.0
1.4
0.8
1.2
1.6
0
0.2
0.4
0.6
1.0
1.4
0.8
1.2
Output Saturation Voltage vs.
Ambient Temperature
Output Saturation Voltage vs. Load Current
Ambient Temperature Ta (°C)
0.4
0
–40
0
–20
20 40
80
60
120
100
0.1
0.2
0.3
Watchdog Timer Threshold voltage vs.
Ambient Temperature
Ambient Temperature Ta (°C)
8
0
–40
0
–20
20 40
80
60
120
100
1
2
3
5
7
4
6
Pin TC Input Current vs. Ambient Temperature
VCC = 5V
Watchdog Timer vs. Ambient Temperature
Ambient Temperature Ta (°C)
–40
0
–20
20 40
80
60
120
100
Ambient Temperature Ta (°C)
8
0
–40
0
–20
20 40
80
60
120
100
1
2
3
5
7
4
6
VCC = 5V
Reset Timer(2) vs. Ambient Temperature
Ambient Temperature Ta (°C)
320
0
–40
0
–20
20 40
80
60
120
100
40
80
120
200
280
160
240
VCC = 5V
C = 0.1
µF
VCC = 5V
C = 0.1
µF
R1 = 10Ω
VCC = 5V
VCC = 5V
RL = 4.7kΩ
VTH3(H)
VTH3(L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com