Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62050P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62050P
Description  3 V Supply System Reset with Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62050P Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62050P Datasheet HTML 1Page - Renesas Technology Corp M62050P Datasheet HTML 2Page - Renesas Technology Corp M62050P Datasheet HTML 3Page - Renesas Technology Corp M62050P Datasheet HTML 4Page - Renesas Technology Corp M62050P Datasheet HTML 5Page - Renesas Technology Corp M62050P Datasheet HTML 6Page - Renesas Technology Corp M62050P Datasheet HTML 7Page - Renesas Technology Corp M62050P Datasheet HTML 8Page - Renesas Technology Corp M62050P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REJ03D0786-0200 Rev.2.00 Jun 15, 2007
Page 1 of 11
M62050P/FP
3 V Supply System Reset with Watchdog Timer
REJ03D0786-0200
Rev.2.00
Jun 15, 2007
Description
The M62050P/FP is a voltage threshold detector designed for detection of 3 V supply voltage and generation of a
system reset pulse. It is suitable for microcontroller systems.
The IC, a supervisor of the MCU operations, dissipates low current of 0.6 mA (Typ) during normal operations of the
MCU systems.
It has two selectable threshold voltages, which allows applying it to a high precision system design.
Features
• Watchdog timer (supervisor for two system voltages)
• Power-on reset timer
• Low current consumption: 0.6 mA (Typ, V
CC = 3 V)
• Wide supply voltage range: V
CC(max) = 7 V
Application
• Supervisor for microcontroller systems
Recommended Operating Condition
• Recommended supply voltage: 3 V
Block Diagram
WD
1
RST1
3
RST2
7
TC
2
–
+
+
–
–
+
GND
4
Ct1
5
VCC
6
ADJ
8
S
RQ
S
RQ
R
S
Q
+
–
+
–


Similar Part No. - M62050P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
3V supply SYSTEM RESET with watchdog timer
More results

Similar Description - M62050P

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
System Reset (with built-in watchdog timer)
MM1135 MITSUMI-MM1135 Datasheet
151Kb / 6P
System Reset (with built-in watchdog timer) Monolithic IC
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
3V supply SYSTEM RESET with watchdog timer
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1035 MITSUMI-MM1035 Datasheet
226Kb / 10P
System Reset (with built-in watchdog timer) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
System Reset (with watchdog timerbattery back-up)
logo
Renesas Technology Corp
M62055FP RENESAS-M62055FP Datasheet
222Kb / 10P
3 V Power Supply with Watchdog Timer
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
SYSTEM RESET IC WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com