Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62050P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62050P
Description  3 V Supply System Reset with Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62050P Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62050P Datasheet HTML 1Page - Renesas Technology Corp M62050P Datasheet HTML 2Page - Renesas Technology Corp M62050P Datasheet HTML 3Page - Renesas Technology Corp M62050P Datasheet HTML 4Page - Renesas Technology Corp M62050P Datasheet HTML 5Page - Renesas Technology Corp M62050P Datasheet HTML 6Page - Renesas Technology Corp M62050P Datasheet HTML 7Page - Renesas Technology Corp M62050P Datasheet HTML 8Page - Renesas Technology Corp M62050P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M62050P/FP
REJ03D0786-0200 Rev.2.00 Jun 15, 2007
Page 3 of 11
Electrical Characteristics
(Ta = –25°C, VCC = 3 V, unless otherwise noted)
DC Characteristics
Test Conditions
Item
Symbol
Min
Typ
Max
Unit
Pin
WD input current
IWD
60
140
250
µA
WD
VIN = 3V
VIH
1.5
—
3.0
WD input voltage
VIL
–0.3
—
0.8
V
WD
TC output current
IOUT
—
—
–1
µA
TC
VIN = 1.0V
TC input current
IIN
—
2.5
3.5
mA
TC
VOUT = 2.6V
VTH3(H)
—
2.4
—
Watchdog timer
threshold voltage
VTH3(L)
—
1.2
—
V
TC
Output voltage
VOL
—
0.2
0.5
V
RST1
IOUT = 1mA
Output leakage current
Ileak
—
—
5.0
µA
RST2
VOUT = 3V
VTH1(H)
2.13
2.25
2.42
VCCL→H
VTH1(L)
2.10
2.20
2.30
V
VCCH→L
VCC detection voltage (1)
∆V
TH1
30
50
120
mV
VCC(1)
∆V
TH1 = VTH1(H) – VTH1(L)
VTH2(H)
2.43
2.55
2.72
VCCL→H
VTH2(L)
2.40
2.50
2.60
V
VCCH→L
VCC detection voltage (2)
∆V
TH2
30
50
120
mV
VCC(2)
∆V
TH2 = VTH2(H) – VTH2(L)
VTH4(H)
2.23
2.35
2.52
VCCL→H
VTH4(L)
2.20
2.30
2.40
V
VCCH→L
VCC detection voltage (4)
∆V
TH4
30
50
120
mV
VCC(4)
∆V
TH4 = VTH4(H) – VTH4(L)
RST1 ON voltage
RST1
—
—
0.5
V
RST1
VCC = 1.2V, RL = 4.7kΩ
RST2 ON voltage
RST2
—
—
0.5
V
RST2
VCC = 1.2V, RL = 4.7kΩ
Circuit current
ICC
—
600
950
µA
VCC
AC Characteristics
Test Conditions
Item
Symbol
Min
Typ
Max
Unit
Pin
C
× 1.1 × R
1
s
Watchdog timer
tWD
0.5
1.1
1.7
ms
RST1
C = 0.1
µF, R
1 = 10kΩ
C
× 0.5 × R
1
s
Reset timer (1)
tRST(1)
0.2
0.5
1.1
ms
RST1
C = 0.1
µF, R
1 = 10kΩ
830
× C
s
Reset timer (2)
tRST(2)
40
83
220
µs
RST1
C = 0.1
µF, R
1 = 10kΩ
290
× 103 × Cd *
s
Reset timer delay time
tdRST(1)
140
290
790
µs
RST1
Cd = 0.001
µF
Input pulse width
tWDIN
3
—
—
µs
WD
td1
—
4
—
RST1
Propagation delay
td2
—
2
—
µs
RST2
Note:
* Cd: Delay capacitor connected with Ct1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com