Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62050P Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M62050P
Description  3 V Supply System Reset with Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62050P Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M62050P Datasheet HTML 4Page - Renesas Technology Corp M62050P Datasheet HTML 5Page - Renesas Technology Corp M62050P Datasheet HTML 6Page - Renesas Technology Corp M62050P Datasheet HTML 7Page - Renesas Technology Corp M62050P Datasheet HTML 8Page - Renesas Technology Corp M62050P Datasheet HTML 9Page - Renesas Technology Corp M62050P Datasheet HTML 10Page - Renesas Technology Corp M62050P Datasheet HTML 11Page - Renesas Technology Corp M62050P Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
M62050P/FP
REJ03D0786-0200 Rev.2.00 Jun 15, 2007
Page 11 of 11
2.
1. DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
bp
A1
HE
y
0.1
e
1.27
c
0°
10°
L
0.2
0.4
0.6
0.05
A
1.9
5.9
6.2
6.5
A2
1.5
E
4.2
4.4
4.6
D
4.8
5.0
5.2
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.35
0.4
0.5
0.13
0.15
0.2
P-SOP8-4.4x5-1.27
0.07g
MASS[Typ.]
8P2S-A
PRSP0008DA-A
RENESAS Code
JEITA Package Code
Previous Code
1.12
1.42
Detail F
A1
A2
F
*2
*3
85
4
1
Index mark
y
bp
e
c
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com