Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1 Datasheet(PDF) 45 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 41Page - Analog Devices ADA4530-1 Datasheet HTML 42Page - Analog Devices ADA4530-1 Datasheet HTML 43Page - Analog Devices ADA4530-1 Datasheet HTML 44Page - Analog Devices ADA4530-1 Datasheet HTML 45Page - Analog Devices ADA4530-1 Datasheet HTML 46Page - Analog Devices ADA4530-1 Datasheet HTML 47Page - Analog Devices ADA4530-1 Datasheet HTML 48Page - Analog Devices ADA4530-1 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Data Sheet
ADA4530-1
PHOTODIODE INTERFACE
analog.com
Rev. C | 45 of 52
Figure 126. Transimpedance Noise Gain vs. Frequency
For completeness, the noise gain equations are as follows:
NG f = 1+RFRS 2πff1+12πff2+1
(23)
f1= 1
RFRSHUNT
RF+RSHUNTCF+CSHUNT
(24)
f2= 1RFCF
(25)
For simplicity, bandwidth limitations are ignored in the noise gain
equations. The noise gain starts to roll-off when it intersects with
the open-loop gain of the amplifier. This pole frequency (f3) is
determined by the unity gain crossover frequency (fUGC) of the
amplifier and the high frequency noise gain, NG2, as follows:
f3= fUGC
1+CSHUNTCF
(26)
The addition of CF has an impact on the signal frequency response.
At low frequencies, the transimpedance gain is equal to RF. As
the frequency increases, the impedance of CF drops below RF and
starts to reduce this transimpedance gain. This signal gain equation
is as follows:
SignalGain  f =RF 12πff2+1
(27)
NOISE ANALYSIS
Photodiode TIA circuits have four noise sources that must be
considered:
►
The thermal noise of the feedback resistor (RF)
►
The saturation current noise of the photodiode
►
The current noise of the amplifier
►
The voltage noise of the amplifier
The noise contributions of these sources are typically referred to
output for analysis. The thermal noise of RF appears directly at the
output. This noise is filtered by the feedback capacitance so that its
−3 dB bandwidth is the same as the signal bandwidth (f2).
The photocurrent of a photodiode, IPD, produces shot noise equal to
INPD = √(2qIPD)
(28)
It is a mistake to assume that the noise goes to zero as the diode
current goes to zero. Zero net current out of the diode simply
means that the saturation current flowing in one direction is at ther-
mal equilibrium with the saturation current flowing in the opposite
direction. These currents are uncorrelated and add in a root sum
square fashion. This net current noise is equivalent to the thermal
noise of a physical resistor with a value of RSHUNT. This convenient
fact allows the photodiode to be accurately modeled with a simple
resistor, RSHUNT. The thermal noise of RSHUNT is amplified by the
ratio of the feedback resistance to the shunt resistance. This noise
is also filtered to the signal bandwidth.
The current noise of the amplifier flows through the feedback
resistor to become a noise voltage at the output. It is subject to the
same bandwidth limitations as the previous noise contributors.
The voltage noise of the amplifier is multiplied by the noise gain
of the circuit to the output. This noise source is significant for two
reasons. First, the high frequency noise gain can be high due to
the large ratio between the shunt capacitance and the feedback
capacitance. Second, the voltage noise bandwidth is much higher
than the other contributors. The noise bandwidth is limited only by
bandwidth of the amplifier.
Each of these noise contributors is graphed vs. frequency in Figure
127. A summary of the noise sources and their RTO contributions
is shown in Table 12. The total RTO noise adds the contributions of
each noise source in root sum square.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com