Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1 Datasheet(PDF) 48 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 44Page - Analog Devices ADA4530-1 Datasheet HTML 45Page - Analog Devices ADA4530-1 Datasheet HTML 46Page - Analog Devices ADA4530-1 Datasheet HTML 47Page - Analog Devices ADA4530-1 Datasheet HTML 48Page - Analog Devices ADA4530-1 Datasheet HTML 49Page - Analog Devices ADA4530-1 Datasheet HTML 50Page - Analog Devices ADA4530-1 Datasheet HTML 51Page - Analog Devices ADA4530-1 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Data Sheet
ADA4530-1
PHOTODIODE INTERFACE
analog.com
Rev. C | 48 of 52
Table 14. Low Frequency Noise Budget (Continued)
Error Source
25°C
45°C
60°C
VNRSHUNT
9 µV/√Hz
4.7 µV/√Hz
2.8 µV/√Hz
RF/RSHUNT
2
8
22
VNRSHUNT_RTO
18 µV/√Hz
37 µV/√Hz
61 µV/√Hz
IN−
0.07 fA/√Hz
0.15 fA/√Hz
0.24 fA/√Hz
IN−_RTO
700 nV/√Hz
1.5 µV/√Hz
2.4 µV/√Hz
Low Frequency NSD
Total
22 µV/√Hz
39 µV/√Hz
62 µV/√Hz
Low Frequency RMS
Total
194 µV rms
345 µV rms
549 µV rms
The sole high frequency noise contributor is the amplifier voltage
noise, which is multiplied by the high frequency noise gain and
band limited only by the amplifier gain. The −3 dB bandwidth of the
amplifier is 17 kHz (refer to Equation 26, where f3 = fUGC ÷ NG2
= 2 MHz ÷ 118). The equivalent noise bandwidth is 27 kHz. The
high bandwidth is the reason the high frequency noise is significant
even though the noise spectral density is much lower than the low
frequency noise.
Table 15. High Frequency Noise Budget
Error Source
25°C
45°C
60°C
VN
14 nV/√Hz
14.5 nV/√Hz
14.8 nV/√Hz
High Frequency Noise
Gain
118
118
118
VN_RTO
1.6 µV/√Hz
1.7 µV/√Hz
1.7 µV/√Hz
High Frequency RMS
Total
271 µV rms
281 µV rms
286 µV rms
At low temperatures, the amplifier voltage noise is more significant
than any other noise source. This is important because the majority
of this noise occurs outside the useful bandwidth of the circuit. For
this reason, it is recommended to add a low-pass filter to the output
of a photodiode TIA circuit. This filter can be active or passive
depending on the needs of the system. A simple resistor capacitor
(RC) filter with a −3 dB cutoff of 500 Hz has an insignificant impact
on the frequency response of the signal path, but it lowers the
integrated noise from 271 µV rms to 45 µV rms (a 6× reduction).
The NSD was measured for this circuit with (blue curve) and
without (red curve) the 300 fF CF capacitor (see Figure 131). At
low frequencies, the NSD is approximately equal to the noise from
the feedback resistor alone (12.8 µV/√Hz). The value of the low
frequency NSD shows that the shunt resistance is much larger than
the specified minimum (which is expected). As frequency increases,
the resistor noise rolls off at the signal bandwidth (50 Hz). The NSD
then plateaus at the amplifier voltage noise level until the bandwidth
limitations of the amplifier roll off the NSD toward zero.
Figure 131. RTO Noise Spectral Density (25°C)
The dashed curves show the integration of the NSD across the
frequency spectrum. These are useful to calculate the rms noise
over a variety of bandwidths. For example, the rms noise over the
entire 100 kHz measurement bandwidth is 400 µV rms, which is
approximately the same as the calculated total noise of 333 µV rms.
If a postfilter is added with a noise bandwidth of 1 kHz, Figure 131
shows that the integrated noise is 200 µV rms (a 2× improvement).
The uncompensated circuit (red curves) shows considerably worse
noise performance. The frequency peaking due to the marginal
loop stability multiplies the noise as well as the signal. In addition,
the high frequency noise gain is larger, which adds much more
noise outside the signal bandwidth. Both of these effects together
generate 1.2 mV rms of total noise. Even if the transient and
frequency response of an undercompensated TIA are acceptable,
the large noise penalty may not be.
Lastly, the NSD was measured for this circuit at 60°C (see Figure
132). As expected, the low frequency noise increased as a result
of the photodiode shunt resistance. The average low frequency
NSD is 22 µV/√Hz. Removing the contribution of RF gives an RTO
contribution of 17 µV/√Hz, which is equivalent to an RTI current
noise of 1.7 fA/√Hz. RSHUNT must be approximately 6.5 GΩ at 60°C
to generate this noise.
Figure 132. RTO Noise Spectral Density (60°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com