Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1 Datasheet(PDF) 46 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 42Page - Analog Devices ADA4530-1 Datasheet HTML 43Page - Analog Devices ADA4530-1 Datasheet HTML 44Page - Analog Devices ADA4530-1 Datasheet HTML 45Page - Analog Devices ADA4530-1 Datasheet HTML 46Page - Analog Devices ADA4530-1 Datasheet HTML 47Page - Analog Devices ADA4530-1 Datasheet HTML 48Page - Analog Devices ADA4530-1 Datasheet HTML 49Page - Analog Devices ADA4530-1 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Data Sheet
ADA4530-1
PHOTODIODE INTERFACE
analog.com
Rev. C | 46 of 52
Figure 127. Photodiode TIA RTO Noise Spectral Density
Table 12. Photodiode Interface Noise Sources
Noise Source
RTO Noise
Noise Bandwidth
RF
√(4kTRF)
π/2 × f2
Photodiode
(RF/RSHUNT)√(4kTRSHUNT)
π/2 × f2
IN− Amplifier
RF × IN−
π/2 × f2
VN Amplifier
VN × noise gain
π/2 × f3
DESIGN RECOMMENDATIONS
The design goal for a large area photodiode TIA circuit is usually
to maximize signal-to-noise ratio (SNR) and minimize dc errors.
Increasing the feedback resistor size accomplishes both goals. The
signal gain increases directly with RF, whereas the noise increases
in a square root fashion. High gains also make the output signal
large relative to output voltage errors (such as VOS).
The upper limit for RF is typically determined by one of the follow-
ing:
►
Amplifier output swing. The maximum photocurrent multiplied by
RF must be less than amplifier swing limitations.
►
Signal bandwidth (or settling time). Signal bandwidth is depend-
ent on RF × CF. Achieving high signal bandwidths with large
feedback resistors can require vanishingly small feedback capac-
itors to implement. The ultimate limitation is due to the parasitic
feedback capacitance from the fringing electric fields in the
circuit. Parasitic capacitances in the 50 fF to 100 fF range are
possible. For example, a 100 fF parasitic capacitance limits the
signal bandwidth of a 100 GΩ TIA to 16 Hz.
►
The thermal noise of the photodiode (RSHUNT). When RF is
significantly larger than RSHUNT, the total noise is dominated by
the photodiode and the SNR stops improving.
►
The current noise of the amplifier. When the current noise of the
amplifier is larger than the noise of RF, the SNR stops improving.
The photodiode noise is higher than the amplifier current noise in
nearly all practical photodiodes.
►
The low frequency noise gain due to RSHUNT. When RF is larger
than RSHUNT, the noise gain multiplies VOS and TCVOS errors
and the signal to error ratio stops improving.
The signal bandwidth increases as the feedback capacitance (CF)
decreases. The lower limit for CF is typically limited by one of the
following:
►
Parasitic feedback capacitances limit the minimum value of CF to
50 fF to 100 fF.
►
Available component values. Physical components can be found
in surface mount packages for values from 0.1 pF to 1 pF in 100
fF increments.
►
Feedback loop stability. CF must be large enough to recover
enough phase shift prior to the loop crossover for stable opera-
tion. This capacitance value can be a significant consideration
for smaller values of RF. Large values (>1 GΩ) tend to be self
compensating through the parasitic feedback capacitance.
►
High frequency noise gain. The high frequency noise gain is set
by the ratio of CSHUNT to CF. For very large noise gains, it is
possible for the amplifier voltage noise to be greater than the
feedback resistor noise.
DESIGN EXAMPLE
In this section, an example TIA circuit is designed using a photo-
metry grade photodiode (Hamamatsu S1226-18BQ). This medium
area (1.2 mm2) silicon photodiode is responsive in the ultraviolet
(UV) through visible frequency range. The minimum shunt resist-
ance (RSHUNT) is specified at 5 GΩ at 25°C. The shunt capacitance
(CSHUNT) is specified at 35 pF. The quartz window limits the maxi-
mum operating temperature to 60°C.
Based on the specified minimum shunt resistance and the recom-
mendations in the Design Recommendations section, a value of 10
GΩ is chosen for RF. This example circuit is powered from ±5 V
with the input common-mode voltage set at 0 V, which allows a
maximum photocurrent of approximately 500 pA.
An error budget is constructed based on the DC Error Analysis
section (see Table 13). The amplifier offset voltage applies the
maximum temperature drift limit to the maximum room temperature
offset limit. The photo diode shunt resistance limit is reduced by half
for every 10°C.
Table 13. Photodiode Interface DC Error Budget
Error Source
25°C
45°C
60°C
VOS
40 µV
40 µV + 10 µV
40 µV + 18 µV
RSHUNT
5 GΩ
1.25 GΩ
442 MΩ
Noise Gain
3
9
23
VOS Error RTO
120 µV
450 µV
1.3 mV
IB
20 fA
20 fA
20 fA
IB Error RTO
200 µV
200 µV
200 µV
Total Error RTO
320 µV
650 µV
1.5 mV
Total Error RTI
32 fA
65 fA
150 fA
The total RTI error over the entire temperature range is less than
150 fA, which is equal to 300 ppm of the 500 pA full-scale range.
The low input bias current of the ADA4530-1 is not a significant
contributor to the total error over temperature. The interaction of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com