Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-1ARZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4610-1ARZ-R7
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-1ARZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4610-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
ADA4610-1/ADA4610-2/ADA4610-4
Data Sheet
Rev. I | Page 26 of 27
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
45°
Figure 68. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-14)
Dimensions shown in millimeters and (inches)
4.10
4.00 SQ
3.90
0.35
0.30
0.25
2.25
2.10 SQ
1.95
1
0.65
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.70
0.60
0.50
0.05 MAX
0.02 NOM
0.203 REF
0.20 MIN
COPLANARITY
0.08
0.80
0.75
0.70
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGC.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
EXPOSED
PAD
SIDE VIEW
SEATING
PLANE
PIN 1
INDICATOR
AREA
Figure 69. 16-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-16-23)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com